| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5651EDDFM bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp |
|
67 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 67 of 188 Oct 31, 2023 Note 1. These pins are only enabled for products with 2 or 1.5 Mbytes of code flash memory. Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. N7 TRDATA3 P55 D0[A0/D0]*1/ WAIT#/ EDREQ0 MTIOC4D/ TMO3 ET0_EXOUT/ TXD7*1/ SMOSI7*1/ SSDA7*1/CRX1 IRQ10 N8 VSS N9 UB PC7 A23/CS0# MTIOC3A/ MTCLKB/ TMO2/PO31/ TOC0/ CACREF ET0_COL/TXD8/ SMOSI8/SSDA8/ SMOSI10/ SSDA10/TXD10/ MISOA-A MMC_D7-A IRQ14 N10 TRSYNC P82 EDREQ1 MTIOC4A/ PO28 ET0_ETXD1/ RMII0_TXD1/ SMOSI10/ SSDA10/TXD10 MMC_D4-A N11 PC3 A19 MTIOC4D/ TCLKB/PO24 ET0_TX_ER/ TXD5/SMOSI5/ SSDA5 QMO-A/QIO0-A/ SDHI_D0-A/ SDSI_D0-A/ MMC_D0-A N12 TRSYNC1 P75 CS5# PO20 ET0_ERXD0/ RMII0_RXD0/ SCK11/RTS11# SDHI_D2-A/ SDSI_D2-A/ MMC_RES#-A N13 TRDATA5 P74 A20/CS4# PO19 ET0_ERXD1/ RMII0_RXD1/ SS11#/CTS11# Table 1.7 List of Pin and Pin Functions (145-Pin TFLGA) (7/7) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 145-Pin TFLGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |