| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5651EDDFM bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp |
|
47 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 47 of 188 Oct 31, 2023 D12 PE5 D13[A13/ D13]/D5[A5/ D5] MTIOC4C/ MTIOC2B ET0_RX_CLK/ REF50CK0/ RSPCKB-B LCD_DA TA11-B IRQ5 AN103 D13 VCC D14 PE7 D15[A15/ D15]/D7[A7/ D7] MTIOC6A/ TOC1 MISOB-B SDHI_WP/ MMC_RES#-B LCD_DA TA9-B IRQ7 AN105 D15 P65 CKE/CS5# E1 PJ5 POE8# CTS2#/RTS2#/ SS2# E2 EMLE E3 PF5 IRQ4 E4 VSS E5 *1 NC E12 PE6 D14[A14/ D14]/D6[A6/ D6] MTIOC6C/TIC1 MOSIB-B SDHI_CD/ MMC_CD-B LCD_DA TA10-B IRQ6 AN104 E13 TRDATA0 PG2 D26 E14 TRDATA1 PG3 D27 E15 P67 DQM1/CS7# MTIOC7C IRQ15 F1 VBATT F2 VCL F3 PJ3 EDACK1 MTIOC3C ET0_EXOUT/ CTS6#/RTS6#/ SS6#/CTS0#/ RTS0#/SS0# F4 BSCANP F12 P66 DQM0/CS6# MTIOC7D F13 TRSYNC PG4 D28 F14 PA0 DQM2/ BC0#/A0 MTIOC4A/ MTIOC6D/ TIOCA0/PO16/ CACREF ET0_TX_EN/ RMII0_TXD_EN/ SSLA1-B LCD_DA TA8-B F15 VSS G1 XCIN G2 XCOUT G3 MD/FINED G4 TRST# PF4 G12 TRCLK PG5 D29 G13 TRDATA2 PG6 D30 G14 PA1 DQM3/A1 MTIOC0B/ MTCLKC/ MTIOC7B/ TIOCB0/PO17 ET0_WOL/ SCK5/SSLA2-B LCD_DA TA7-B IRQ11 G15 VCC H1 XTAL P37 H2 VSS H3 RES# H4 UPSEL P35 NMI Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (3/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |