công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD154DRG bảng dữ liệu(PDF) 7 Page - LightGraphix

tên linh kiện LD154DRG
Giải thích chi tiết về linh kiện  DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTGRAPHIX [LightGraphix]
Trang chủ  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DRG bảng dữ liệu(HTML) 7 Page - LightGraphix

  LD154DRG Datasheet HTML 1Page - LightGraphix LD154DRG Datasheet HTML 2Page - LightGraphix LD154DRG Datasheet HTML 3Page - LightGraphix LD154DRG Datasheet HTML 4Page - LightGraphix LD154DRG Datasheet HTML 5Page - LightGraphix LD154DRG Datasheet HTML 6Page - LightGraphix LD154DRG Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LD154DRG
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 7 of 7 | Data sheet issued: 18 June 2026
LED Colour
Beam Angle
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS - LD154DRG
Example: LD154DRG-E3-700/830/OB/GSOB154/485SG/Paint finish black
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a range of dimmable LED drivers DMX and DALI compatible. Please see the downloads section on our website.
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a range of dimmable LED drivers DMX and DALI compatible. Please see the downloads section on our website.
/
/
/
/
/
Light engine & drive current
LD154DRG -
Fixing
Passivated
Stainless Steel
Paint finish
Black
(Powder Coat)
Finish
/485SG
/485GTG
/486NG
/486NG-2
Accessory
/NGS
/GS154
/GSHM154
/GSOB154
/HL
5W LED
at 350mA
LD154DRG-E3-350
7W LED
at 500mA* LD154DRG-E3-500
10W LED
at 700mA** LD154DRG-E3-700
E3
Ambient temperature key:
55°C
7W LED
at 350mA
LD154DRG-N1-350
10W LED
at 500mA* LD154DRG-N1-500
14W LED
at 700mA** LD154DRG-N1-700
N1
13°
Narrow
/NB
24°
Medium Spot
/MSB
31°
Medium
/MB
45°
Wide
/WB
54°
Extra Wide
/WWB
13° x 58°
Oval
/OB
9°
Extra Narrow
/ENB
11°
Narrow
/NB
22°
Medium Spot
/MSB
29°
Medium
/MB
42°
Wide
/WB
53°
Extra Wide
/WWB
10° x 56°
Oval
/OB
14W LED
at 350mA
LD154DRG-P1-350
20W LED
at 500mA
LD154DRG-P1-500
P1
20°
Narrow
/NB
27°
Medium Spot
/MSB
33°
Medium
/MB
47°
Wide
/WB
58°
Extra Wide
/WWB
19° x 60°
Oval
/OB
2200K 85+ CRI
/822
2700K 85+ CRI
/827
3000K 85+ CRI
/830
4000K 85+ CRI
on request
/840
5000K 85+ CRI
/850
2700K 90+ CRI
/927
3000K 90+ CRI
/930
2200K 90+ CRI
/922
2700K 90+ CRI
/927
3000K 90+ CRI
/930
4000K 90+ CRI
on request
/940
5000K 90+ CRI
/950
2200K 93+ CRI
/922
2700K 93+ CRI
/927
3000K 93+ CRI
/930
4000K 93+ CRI
on request
/940
5000K 93+ CRI
/950
*55°C ambient when placed
in a 485N / 485N-2 concrete can
in concrete.
**50°C ambient when placed
in a 485N / 485N-2 concrete can
in concrete.
*55°C ambient when placed
in a 485N / 485N-2 concrete can
in concrete.
**50°C ambient when placed
in a 485N / 485N-2 concrete can
in concrete.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com