công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD154DRG bảng dữ liệu(PDF) 3 Page - LightGraphix

tên linh kiện LD154DRG
Giải thích chi tiết về linh kiện  DEEP RECESSED TRIMLESS HIGH-POWER EXTERIOR LED UPLIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTGRAPHIX [LightGraphix]
Trang chủ  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DRG bảng dữ liệu(HTML) 3 Page - LightGraphix

  LD154DRG Datasheet HTML 1Page - LightGraphix LD154DRG Datasheet HTML 2Page - LightGraphix LD154DRG Datasheet HTML 3Page - LightGraphix LD154DRG Datasheet HTML 4Page - LightGraphix LD154DRG Datasheet HTML 5Page - LightGraphix LD154DRG Datasheet HTML 6Page - LightGraphix LD154DRG Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LD154DRG
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 7 | Data sheet issued: 18 June 2026
DIMENSIONS AND FIXING OPTIONS
Dimensions in mm
/485SG
Rebated trimless fixing sleeve
The sleeve is bonded into the mounting surface first and the fitting is held in with an O-ring.
We recommend this method for mounting in exterior in-ground applications.
Mounting surface will require an 16mm rebate to allow for flush installation. Fixing ring
available with a passivated stainless steel or powder coat black finish.*
/485GTG
Trimless Ground tube fixing
Designed for soil or gravel surfaces. It is supplied with the fixing sleeve bonded into the tube
and can be cut down on site. The tube can be buried with the necessary wiring via the PG9
IP67 gland and then the fitting installed after the landscaping work has been completed.
Fixing ring available with a passivated stainless steel or powder coat black finish.*
/485NG or /485NG-2
Trimless concrete housing
The aluminium housing is used as a heat sink which keeps the LED fitting cool through the thermal transfer of the heat within the housing to the surrounding concrete. The housings are big enough for
IP rated connections to be made inside the housing and a second gland is available for cabling onto the next luminaire. The housing can be buried with the necessary wiring, and then the fitting
installed after the landscaping work has been completed. Weight: 2.90kg. Fixing ring available with a passivated stainless steel or powder coat black finish.*
Ø170
24
156
Ø90
Ø90
24
156
Ø170
/486NG
Trimless concrete housing with 1x PG9 IP67 gland
/486NG-2
Trimless concrete housing with 2x PG9 IP67 gland
89 103
Ø80
Cut-out Ø86
16
Rebate Depth
Ø91
39
Ø90
135
Ø91
Ø90
135
Ø80
Cut-out Ø86
16
Rebate depth
89 103



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com