công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GFG2DFP bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện R7F100GFG2DFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GFG2DFP bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  R7F100GFG2DFP Datasheet HTML 1Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 2Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 3Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 4Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 5Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 6Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 7Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 8Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 2 of 177
Oct 31, 2025
Logic and event link controller (ELCL)
• Event signals can be set up between specified
peripheral functions.
• The signals can be generated by the input of
multiple event signals to the logic circuit.
• Flip-flop circuits are incorporated to handle setting
and resetting functions.
Serial interface
• Simplified SPI (CSINote 1): 3 to 8 channels
• UART/UART (LIN-bus supported)/UARTA:
3 to 6 channels
•I2C/Simplified I2C: 4 to 10 channels
Remote control signal receiver
• 1 channel
• Matching of 4 waveform patterns (header, data 0,
data 1, and special data)
Timers
• 16-bit timer: 8 to 16 channels
• 32-bit interval timer:
1 channel in 32-bit counter mode
2 channels in 16-bit counter mode
4 channels in 8-bit counter mode
• Realtime clock: 1 channel (counting of one
second to 99 years, alarm interrupt, and clock
correction)
• Watchdog timer: 1 channel (operates with the
low-speed on-chip oscillator clock)
A/D converter
• 8-/10-/12-bit resolution
• Analog input: 8 to 26 channels
• Internal reference voltage (1.48 V) and
temperature sensor
D/A converter
• 8-bit resolution
• Analog output: 2 channels
• Output voltage: 0 V to VDD
• Realtime output function
Comparator
• 2 channels
• Operating modes:
Comparator high-speed mode and comparator
low-speed mode
• The external reference voltage and the internal
reference voltage or D/A converter output are
selectable as the reference voltage.
Capacitive sensing unit
• Operating voltage condition: VDD = 1.8 to 5.5 V
• Self-capacitance method:
A single pin configures a single key, supporting up
to 32 keys
• Mutual capacitance method:
Matrix configuration with 8 × 8 pins, supporting up
to 64 keys
Input/output port pins
• Number of port pins: 26 to 120
N-ch open-drain I/O (withstand voltage of 6 V):
2 to 4
N-ch open-drain I/O (VDD withstand voltage
Note 2
/EVDD withstand voltageNote 3): 10 to 33
Controlled current drive port pins: 6 to 8
• Can be set to N-ch open drain or TTL input buffer,
and use of an on-chip pull-up resistor can be
specified.
• Connectable to a device with different voltage
(1.8, 2.5, or 3 V)
Others
• Key interrupt input
• Clock output/buzzer output controller
• BCD (binary-coded decimal) correction circuit
Note 1.
Although the CSI function is generally
called SPI, it is also called CSI in this
product, so it is referred to as such in
this manual.
Note 2.
This applies to the 30- to 52-pin
products.
Note 3.
This applies to the 64- to 128-pin
products.
Remark
The functions mounted depend on the
product. For details, see 1.6 Outline of
Functions
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com