công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GFG2DFP bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện R7F100GFG2DFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GFG2DFP bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button R7F100GFG2DFP Datasheet HTML 69Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 70Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 71Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 72Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 73Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 74Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 75Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 76Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 73 of 177
Oct 31, 2025
Note 1.
Device operation is guaranteed at the listed currents even if current is flowing from an output pin to the EVSS0, EVSS1, or
VSS pin.
Note 2.
The combination of these and other pins must also not exceed the value for maximum total current.
Note 3.
The maximum rating for the following port pins is 40 mA when IOL1 = 40.0 mA is specified by the 40-mA port output control
register (PTDC).
• Pins P04, P10, and P120 of the 64- to 100-pin package products with 384- to 768-Kbyte code flash memory
• Pin P101 of the 100-pin package products with 384- to 768-Kbyte code flash memory
• Pins P17 and P51 of the 30- to 52-pin package products
• Pin P70 of the 32- to 52-pin package products
Note 4.
The listed currents apply when the duty cycle is no greater than 70%. Use the following formula to calculate the output
current when the duty cycle is greater than 70%, where n is the duty cycle.
• Total output current from the listed pins = (IOL
 0.7)/(n  0.01)
Example when n = 80% and IOL = 10.0 mA
Total output current from the listed pins = (10.0
 0.7)/(80  0.01) ≈8.7 mA
Note that the duty cycle has no effect on the current that is allowed to flow into a single pin. A current higher than the
absolute maximum rating must not flow into a single pin.
(Notes and Remark continue on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/7)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Allowable low-level
output currentNote 1
IOL1
Per pin for P00 to P07,
P10 to P17, P30 to P37,
P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P90 to P97,
P100 to P106, P110 to P117,
P120, P125 to P127, P130,
P140 to P147
20.0
Notes 2, 3
mA
Per pin for P60 to P63
15.0
Note 2
mA
Total of P00 to P04, P07,
P32 to P37, P40 to P47,
P102 to P106, P120,
P125 to P127, P130,
P140 to P145
(when duty ≤ 70%Note 4)
4.0 V ≤ EVDD0 ≤ 5.5 V
70.0
Note 5
mA
2.7 V ≤ EVDD0 < 4.0 V
15.0
mA
1.8 V ≤ EVDD0 < 2.7 V
9.0
mA
1.6 V ≤ EVDD0 < 1.8 V
4.5
mA
Total of P05, P06, P10 to P17,
P30, P31, P50 to P57, P60 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100, P101,
P110 to P117, P146, P147
(when duty ≤ 70%Note 4)
4.0 V ≤ EVDD0 ≤ 5.5 V
80.0
Note 5
mA
2.7 V ≤ EVDD0 < 4.0 V
35.0
mA
1.8 V ≤ EVDD0 < 2.7 V
20.0
mA
1.6 V ≤ EVDD0 < 1.8 V
10.0
mA
Total of all pins
(when duty ≤ 70%Note 4)
150.0
Note 6
mA
IOL2
Per pin for P20 to P27, P121,
P122, P150 to P156
4.0 V ≤ VDD ≤ 5.5 V
8.5Note 2
mA
2.7 V ≤ VDD < 4.0 V
1.5Note 2
mA
1.8 V ≤ VDD < 2.7 V
0.6Note 2
mA
1.6 V ≤ VDD < 1.8 V
0.4Note 2
mA
Total of all pins
(when duty ≤ 70%Note 4)
4.0 V ≤ VDD ≤ 5.5 V
20
mA
2.7 V ≤ VDD < 4.0 V
20
mA
1.8 V ≤ VDD < 2.7 V
15
mA
1.6 V ≤ VDD < 1.8 V
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com