| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7KA8D2ADLCAB bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8D2ADLCAB bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 292 page ![]() Table 1.10 Human machine interfaces (2 of 2) Feature Functional description Capture Engine Unit (CEU) The Capture Engine Unit (CEU) is a capture module that fetches image data externally input and transfers it to the memory. MIPI DSI interface The MIPI DSI interface module has a Transmitter function for MIPI Alliance Specification for Display Serial Interface 2 (DSI-2). This module supports MIPI Alliance Specification for Display Serial Interface 2 (DSI-2) Specification. And it works with MIPI Alliance Specification for D-PHY Specification. This module provides a solution for transmitting MIPI DSI-2 compliant digital video and packets. MIPI CSI interface MIPI CSI-2 can receive signals conforming to the MIPI CSI-2 standard, extracts video data from various packets, and sends them to Video Input Module in the subsequent stage. Video Input Module (VIN) Video Input Module (VIN) can receive video data received from MIPI CSI-2, and perform appropriate image processing for each. The image-processed data is temporarily stored in the FIFO and transferred to an external memory. Table 1.11 Data processing Feature Functional description Cyclic Redundancy Check (CRC) calculator The Cyclic Redundancy Check (CRC) calculator generates CRC codes to detect errors in the data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first communication. Additionally, various CRC-generation polynomials are available. The snoop function allows monitoring reads from and writes to specific addresses. This function is useful in applications that require CRC code to be generated automatically in certain events, such as monitoring writes to the serial transmit buffer and reads from the serial receive buffer. Data Operation Circuit (DOC) The Data Operation Circuit (DOC) compares, adds, and subtracts 32-bits data. When a selected condition applies, 32-bit data is compared and an interrupt can be generated. Table 1.12 Security Feature Functional description Security function ● ARMv8-M TrustZone security ● Privileged control ● Device lifecycle management ● Authentication Level (AL) ● Key injection ● Secure pin multiplexing ● HUK zeroization ● VBATT backup registers zeroization ● Secure boot ● Secure factory programming Renesas Secure IP (RSIP-E50D) ● Symmetric cryptography: AES and ChaCha20-Poly1305 ● Asymmetric cryptography: RSA and ECC ● Message digest computation: HASH, HMAC ● 128-bit true random number generation circuit ● 256-bit Hardware Unique Key (HUK) ● 128-bit unique ID ● OEM boot loader version ● Key data for the decryption on-the-fly (DOTF) ● SPA/DPA Protections Decryption on-the-fly (DOTF) Decryption on-the-fly (DOTF) decrypts the encrypted content stored in the external memory in real-time. RA8D2 Datasheet 1. Overview R01DS0493EJ0130 Rev.1.30 Feb 27, 2026 Page 7 of 292 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |