công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8D2ADLCAB bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp

tên linh kiện R7KA8D2ADLCAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAB bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAB Datasheet HTML 65Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 66Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 67Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 68Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 69Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 70Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 71Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 72Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 292 page
background image
Table 2.24
Current of high-speed mode, CPU Sleep mode (DCDC mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1*3*4
CPUCLK0 = 1
GHz
CPUCLK1 = 250
MHz
VSCR_1
ICC_DCDC*5
22
203
—
mA
VCC_DCDC = 3.3 V
IDD*2
57
522
—
CPUCLK0 = 800
MHz
CPUCLK1 = 200
MHz
VSCR_1
ICC_DCDC*5
20
—
233
IDD*2
51
—
597
CPUCLK0 = 600
MHz
CPUCLK1 = 150
MHz
VSCR_2
ICC_DCDC*5
16
188
224
IDD*2
42
492
585
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. IDD depends on f (ICLK) as follows.
IDD Typ. = 0.02 × fCPUCLK0 + 0.06 × fICLK + 57 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 95℃) = 0.02 × fCPUCLK0 + 0.05 × fICLK + 490 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 105℃) = 0.02 × fCPUCLK0 + 0.05 × fICLK + 568 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 95℃) = 0.02 × fCPUCLK0 + 0.13 × fICLK + 477 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 105℃) = 0.02 × fCPUCLK0 + 0.13 × fICLK + 552 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 3. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 4. MRICLK, MRPCLK, ICLK, PCLKA, PCLKB, PCLKC, PCLKD, PCLKE and BCLK are set to divided by 64.
Note 5. Typical DCDC efficiency and the voltage of the test conditions are applied.
Table 2.25
Current of high-speed mode, CPU Sleep mode (External VDD mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1*3*4
CPUCLK0 = 1
GHz
CPUCLK1 = 250
MHz
VCL = voltage
range 1
IDD*2
57
522
—
mA
—
CPUCLK0 = 800
MHz
CPUCLK1 = 200
MHz
VCL = voltage
range 1
IDD*2
51
—
597
CPUCLK0 = 600
MHz
CPUCLK1 = 150
MHz
VCL = voltage
range 2
IDD*2
42
492
585
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. IDD depends on f (ICLK) as follows.
IDD Typ. = 0.02 × fCPUCLK0 + 0.06 × fICLK + 57 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 95℃) = 0.02 × fCPUCLK0 + 0.05 × fICLK + 490 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 105℃) = 0.02 × fCPUCLK0 + 0.05 × fICLK + 568 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 95℃) = 0.02 × fCPUCLK0 + 0.13 × fICLK + 477 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 105℃) = 0.02 × fCPUCLK0 + 0.13 × fICLK + 552 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 3. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 4. MRICLK, MRPCLK, ICLK, PCLKA, PCLKB, PCLKC, PCLKD, PCLKE and BCLK are set to divided by 64.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 69 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com