| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7KA8D2ADLCAB bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8D2ADLCAB bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 292 page ![]() Table 1.8 Communication interfaces (2 of 2) Feature Functional description Layer 3 Ethernet Switch Module (ESWM) The Layer 3 Ethernet Switch Module (ESWM) consists of two channels of Gigabit Ethernet controller, an Ethernet switch with high level routing capability, and multi-protocol interface support. The Gigabit Ethernet controller conforms to the definition of the Ethernet MAC (Media Access Control) layer in the IEEE 802.3 standard. This can transmit and receive Ethernet (IEEE 802.3) frames by connecting with an external physical-layer LSI chip (PHY-LSI) which complies with the standard. The Ethernet switch allows autonomous frame routing within a same network interface protocol, or between different network interfaces protocols or optimized gateway applications. Pulse Density Modulation Interface (PDMIF) PDM-IF has maximum three channels that are connectable with external microphone which outputs the pulse density modulated (PDM) signal. PDM-IF is connectable with up to three external microphones. PDM-IF can filter and convert 1-bit digital data streams that were pulse density modulated at a high sampling rate into 20-bit or 16-bit digital data at a lower sampling rate. Table 1.9 Analog Feature Functional description 16-bit A/D Converter (ADC16H) A 16-bit A/D Converter is provided. Up to 23 analog input channels are selectable. Temperature sensor output, and internal reference voltage and VBATT 1/6 voltage monitor are selectable for conversion. 12-bit D/A Converter (DAC12) A 12-bit D/A Converter (DAC12) is provided. Temperature Sensor (TSN) The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for reliable operation of the device. The sensor outputs a voltage directly proportional to the die temperature, and the relationship between the die temperature and the output voltage is fairly linear. The output voltage is provided to the ADC16H for conversion and can be further used by the end application. The sensor outputs an abnormal temperature detection signal to the reset control circuit and can be used to prevent the malfunction due to abnormal temperature. High-Speed Analog Comparator (ACMPHS) The High-Speed Analog Comparator (ACMPHS) can be used to compare an analog input voltage with a reference voltage and to provide a digital output based on the result of conversion. Both the analog input voltage and the reference voltage can be provided to the ACMPHS from internal sources (D/A converter output or internal reference voltage) and an external source. Such flexibility is useful in applications that require go/no-go comparisons to be performed between analog signals without necessarily requiring A/D conversion. Table 1.10 Human machine interfaces (1 of 2) Feature Functional description Graphics LCD Controller (GLCDC) The Graphics LCD Controller (GLCDC) provides multiple functions and supports various data formats and panels. Key GLCDC features include: ● GLCDC0BI/GLCDC1BI master function for accessing graphics data ● Superimposition of three planes (single-color background plane, graphic 1-plane, and graphic 2-plane) ● Support for many types of 32-bit or 16-bit per pixel graphics data and 8-bit, 4-bit, or 1-bit LUT data format ● Digital interface signal output supporting a video image size of WXGA. 2D Drawing Engine (DRW) The 2D Drawing Engine (DRW) provides flexible functions that can support almost any object geometry rather than being bound to only a few specific geometries such as lines, triangles, or circles. The edges of every object can be independently blurred or antialiased. Rasterization is executed at one pixel per clock on the bounding box of the object from left to right and top to bottom. The DRW can also raster from bottom to top to optimize the performance in certain cases. In addition, optimization methods are available to avoid rasterization of many empty pixels of the bounding box. The distances to the edges of the object are calculated by a set of edge equations for every pixel of the bounding box. These edge equations can be combined to describe the entire object. If a pixel is inside the object, it is selected for rendering. If it is outside, it is discarded. If it is on the edge, an alpha value can be chosen proportional to the distance of the pixel to the nearest edge for antialiasing. Every pixel that is selected for rendering can be textured. The resulting ARGB quadruple can be modified by a general raster operation approach independently for each of the four channels. The ARGB quadruples can then be blended with one of the multiple blend modes of the DRW. The DRW provides two inputs (texture read and framebuffer read), and one output (framebuffer write). The internal color format is always ARGB (8888). The color formats from the inputs are converted to the internal format on read and a conversion back is made on write. RA8D2 Datasheet 1. Overview R01DS0493EJ0130 Rev.1.30 Feb 27, 2026 Page 6 of 292 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |