| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7038RB bảng dữ liệu(PDF) 123 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB bảng dữ liệu(HTML) 123 Page - ams-OSRAM AG |
|
123 / 127 page ![]() Document Feedback AS7038RB Package Drawings & Markings Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 122 9 Package Drawings & Markings Figure 171: OLGA-22 Package Outline Drawing Ref. Min Nom Max A 0.55 0.65 0.75 A1 0.3 REF A2 0.35 REF D 3.82 BSC E 2.92 BSC W 0.25 0.3 0.35 L 0.3 0.35 0.4 e 0.45 BSC N 22 D1 2.7 BSC E1 1.35 BSC SD --- BSC SE 0.226 BSC aaa 0.1 bbb 0.1 ddd 0.08 (1) All dimensions are in millimeters. Angles in degrees. (2) Dimensioning and tolerancing conform to ASME Y14.5M-1994. (3) N is the total number of terminals. (4) This package contains no lead (Pb). (5) This drawing is subject to change without notice. RoHS Green |