| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7038RB bảng dữ liệu(PDF) 51 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB bảng dữ liệu(HTML) 51 Page - ams-OSRAM AG |
|
51 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 50 SEQ_LED_STA (Address 0x34) Figure 46: SEQ_LED_STA Register Addr: 0x34 SEQ_LED_STA Bit Bit Name Default Access Bit Description 7:0 seq_led_start 0 RW LED start time The SEQ_LED_STA register sets the LED drive timing. Data is stored as 16-bit value. SEQ_LED_STO (Address 0x35) Figure 47: SEQ_LED_STO Register Addr: 0x35 SEQ_LED_STO Bit Bit Name Default Access Bit Description 7:0 seq_led_stop 0 RW LED stop time The SEQ_LED_STO register sets the LED drive timing. Data is stored as 16-bit value. SEQ_SECLED_STA (Address 0x36) Figure 48: SEQ_SECLED_STA Register Addr: 0x36 SEQ_SECLED_STA Bit Bit Name Default Access Bit Description 7:0 seq_secled_start 0 RW Secondary LED start time The SEQ_LED register sets the secondary LED drive timing which is used in ledX_mode 6 only. Data is stored as 16-bit value. |