| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7038RB bảng dữ liệu(PDF) 100 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB bảng dữ liệu(HTML) 100 Page - ams-OSRAM AG |
|
100 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 99 ADC_CFGA (Address 0x88) Figure 132: ADC_CFGA Register Addr: 0x88 ADC_CFGA Bit Bit Name Default Access Bit Description 7:4 Not used 0 RW Not used 3:1 adc_multi_n 0 RW Defines number of samples that are taken in multimode (adc_multimode =1) Setting Number of Samples per ADC Conversion Command 0 2 1 4 2 8 3 16 4 32 5 48 6 64 7 96 0 adc_multimode 0 RW 0: If ADC is started one sample is measured 1: If ADC is started multiple samples are stored in sequence in the FIFO. The number of samples is defined with "adc_multi_n". Information If the ADC is triggered with the sequencer, the very first ADC conversion after seq_en=1 stores the number of samples according to above table. All subsequent samples use one sample less (e.g. 7 instead of 8). |