| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7038RB bảng dữ liệu(PDF) 122 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB bảng dữ liệu(HTML) 122 Page - ams-OSRAM AG |
|
122 / 127 page ![]() Document Feedback AS7038RB Application Information Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 121 8 Application Information 8.1 Application Examples The following figure shows the complete integration of the AS7038RB in a mobile optical measurement system for HRM, SpO2, GSR (galvanic skin resistivity) and skin temperature using an NTC. The device can be powered directly by a Li-ion battery as it has its own power management. Nevertheless the I2C interface can be powered by 1.8 V circuitry. Information AS7038RB can be used in the same configuration for e.g. a fitness band or a smart watch. Figure 170: AS7038RB Optical SpO2 and HRM Measurement System for Wrist Based Application AS7038RB I2C, Optical & Electrical Frontend, ECG Amp. SCL SDA ENABLE GPIO3 GPIO2 GPIO1 LDO Ref AGND SIGREF VDD V_LDO GND VD1 VD2 VD4 VD3 LED Supply Host Processor ON=0,OFF=1 VDD PMIC +Charger LED Supply VBAT VBAT NTC to ENABLE for on/off Accelerometer GPIO0 VBAT INT connect unused current sinks to GND ECG_REF ECG_INN ECG_INP SIGREF_ECG LED Supply LED Supply |