công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO70050LDST5 bảng dữ liệu(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO70050LDST5
Giải thích chi tiết về linh kiện  5.5 V Low Loss Power Distribution Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70050LDST5 bảng dữ liệu(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70050LDST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70050LDST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DIO70050
Version 1.0, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
II
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO70050HAST5
5VHAW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050HBST5
5VHBW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050HCST5
5VHCW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050HDST5
5VHDW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050HEST5
5VHEW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050LAST5
5VLAW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050LBST5
5VLBW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050LCST5
5VLCW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050LDST5
5VLDW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70050LEST5
5VLEW
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
Ordering Information Complementary Note
Ordering No. = Part No. + H/L:Enable Active Version + A/B/C/D/E:Current Limit Version + Package Code
DIO70050: quick output discharge available
ST5: stands for SOT23-5
H: Enable active high
L: Enable active low
A: 0.5 A current limit version (typ)
B: 1.0 mA current limit version (typ)
C: 1.5 A current limit version (typ)
D: 2.0 A current limit version (typ)
E: 2.5 A current limit version (typ)
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com