| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3722 bảng dữ liệu(PDF) 111 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3722 bảng dữ liệu(HTML) 111 Page - ams-OSRAM AG |
|
111 / 199 page ![]() Page 110 ams Datasheet Document Feedback [v1-01] 2015-Sep-07 AS3722 − Register Description Figure 100: GPIO5control Addr:0dh GPIO5control Bit Bit Name Default Access Bit Description 7gpio5_invert 0 RW Invert GPIO input/output 0 : Normal mode 1 : Invert input or output 6:3 gpio5_iosf 0 RW Select the GPIO special function 0 : Normal i/o operation 1 : Interrupt output 2 : VSUP_VBAT_low undebounced output 3 : GPIO interrupt input 4 : PWM input (internal PWM overide) 5 : Voltage_stby input: rising edge .. Goto Standby; (Leave standby by arbitrary interrupt) 6 : OC_PG_SD0 function on GPIO 7 : pwr_good output 8 : Q32k output (if osc_pd=1 then internal RC oscillator with 32kHz divider is used) 9 : Watchdog input 10 : NC 11 : Soft reset input 12 : PWM output 13 : VSUP_VBAT_low debounced output 14 : OC_PG_SD6 function on GPIO 15 : NC 2:0 gpio5_mode 3 RW_SM Selects the GPIO mode (I, I/O, Tri, Pulls) 0 : Input 1 : Output (push and pull) VSUP_GPIO 2 : Output/Input (open drain, only NMOS is active) 3 : ADC input (Tristate) 4 : Input with pull-up to VDD_GPIO_lv 5 : Input with pull-down 6 : Output/Input open drain (nmos) with pull-up to VDD_GPIO_lv, 7 : Output (push and pull) VDD_GPIO_lv |