| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3412-EWLT bảng dữ liệu(PDF) 12 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3412-EWLT bảng dữ liệu(HTML) 12 Page - ams-OSRAM AG |
|
12 / 85 page ![]() ams Datasheet Page 11 [v1-00] 2016-Apr-06 Document Feedback AS3412 − Detailed Description To avoid unwanted start-up pop noise, a soft-start function is implemented for an automatic gain ramping of the device. In case of an overload condition on the microphone input (e.g. high sound pressure level), an internal state machine reduces the microphone gain automatically. For some designs it might be useful to switch off this feature. Especially in feed-back systems very often infrasound can cause an overload condition of the microphone preamplifier which results in low frequency noise. This behavior can be avoided by disabling the AGC function. Input Capacitor Selection The microphone preamplifier needs one bias resistor (RBias) per channel as well as DC blocking capacitors (CMIC). The capacitors CAC are DC blocking capacitors to avoid DC amplification of the non-inverting microphone preamplifier. This capacitor has an influence on the frequency response because the internal feedback resistors create a high pass filter together with the capacitor CAC. The typical application circuit is shown in Figure 11 with all necessary components. Figure 11: Microphone Capacitor Selection Circuit Microphone Capacitor Selection Circuit: This diagram shows a typical microphone application circuit with all necessary components to operate the amplifier. MUTE MUTE_MIC_LEFT MUTE MUTE_MIC_RIGHT AGC AGC MICL MICR MICACL MICACR QMICL QMICR CMIC CMIC RBIAS RBIAS RMICIN RMICIN CAC CAC MICS MICS ANC Microphone ANC Microphone |