công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3412-EWLT bảng dữ liệu(PDF) 46 Page - ams-OSRAM AG

tên linh kiện AS3412-EWLT
Giải thích chi tiết về linh kiện  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT bảng dữ liệu(HTML) 46 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 42Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 43Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 44Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 45Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 46Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 47Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 48Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 49Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
ams Datasheet
Page 45
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Figure 58:
OTP Programming Process
OTP Programming: This flow chart describes the OTP programming process in detail.
Besides production trimming using the I²C interface, the
AS3412 features a second unique trimming mechanism. This
very special mode enables the analog music inputs of the
AS3412 to become a production trimming input.
Register dump of OTP registers
0x30, 0x31, 0x32, 0x33, 0x34,
0x35, 0x14 and 0x15
ANC_L and ANC_R
registers programmed
Is ALT2_ENABLE
bit set in 0x11?
Is ALT3_ENABLE
bit set in 0x13?
Start application trim to register
0x30-0x35 and 0x14 and 0x15
Start trim verification with OTP
load tests
Start alternative microphone trim
to register 0x10 and 0x11 with
ALT2_ENABLE bit set
Start trim verification with OTP
load tests
Start alternative microphone trim
to register 0x12 and 0x13 with
ALT3_ENABLE bit set
Start trim verification with OTP
load tests
Verification
OK?
Verification
OK?
Verification
OK?
Device trimming failed
Device trimming failed
Device trimming failed
Device trimming successful
Device is already trimmed. No
more trimming possible. Exit
trimming mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85