công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3412-EWLT bảng dữ liệu(PDF) 68 Page - ams-OSRAM AG

tên linh kiện AS3412-EWLT
Giải thích chi tiết về linh kiện  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT bảng dữ liệu(HTML) 68 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 64Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 65Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 66Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 67Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 68Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 69Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 70Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 71Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
ams Datasheet
Page 67
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 84:
MODE_1 Register Description
Name
Address
Default Value
MODE_1
0x34
0x00
This register controls miscellaneous settings of the AS3512.
Bit
Bit Name
Default
Access
Bit Description
7MICS_CP_OFF
0
R/W
This bit controls the microphone supply charge pump.
The microphone charge pump has a second function
besides the bias voltage generation for microphones.
It is also used to disable the integrated music bypass
switch if the AS3412 is active. In case the integrated
bypass switch is used in an application the MICS_CP_
OFF bit must not be set to ‘1’.
0: Microphone supply charge pump enabled
1: Microphone supply charge pump disabled
6MICS_OFF
0
R/W
This bit controls the microphone supply. In case this
bit is set to ‘1’ the MICS pin is disconnected from the
internal microphone supply.
0: Microphone supply switched on
1: Microphone supply switched off
5
MIC_AGC_ON
0
R/W
This bit disables the automatic gain control of the
microphone preamplifier.
0: AGC disabled
1: AGC enabled
4MIC_OFF
0
R/W
This bit powers down the microphone preamplifier.
0: Microphone preamplifier enabled
1: Microphone preamplifier disabled
2
CP_OFF
0
R/W
This bit disables the VNEG charge pump in case there is
already a negative supply present in a system.
0: VNEG charge pump enabled
1: VNEG charge pump enabled
1HPH_OFF
0
R/W
This bit allows the user to power down headphone
amplifier in case it is not used in the final application
in order to save system power.
0: Headphone amplifier enabled
1: Headphone amplifier disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com