| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM641 bảng dữ liệu(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 bảng dữ liệu(HTML) 62 Page - Texas Instruments |
|
62 / 179 page ![]() Pin Assignments 62 June 2003 − Revised October 2005 SPRS222E Table 1−6. Terminal Functions (Continued) SIGNAL DESCRIPTION IPD/ IPU‡ TYPE† NAME DESCRIPTION IPD/ IPU‡ TYPE† DM640 DM641 GROUND PINS (CONTINUED) AA10 AA10 AA11 AA11 AA13 AA13 AA14 AA14 AA16 AA16 AA17 AA17 AA19 AA19 AA22 AA22 AB1 AB1 AB2 AB2 AB4 AB4 AB6 AB6 AB9 AB9 AB18 AB18 AB21 AB21 V AB26 AB26 GND Gd i VSS AC3 AC3 GND Ground pins AC5 AC5 AC18 AC18 AC22 AC22 AC24 AC24 AD2 AD2 AD4 AD4 AD18 AD18 AE3 AE3 AE8 AE8 AE10 AE10 AE12 AE12 AE14 AE14 AE19 AE19 AE24 AE24 AF1 AF1 AF7 AF7 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-kΩ resistor should be used.) |