| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFC2000B bảng dữ liệu(PDF) 10 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CFC2000B bảng dữ liệu(HTML) 10 Page - Clarke International |
|
10 / 12 page ![]() 10 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 3. DO NOT attempt to adjust or tamper with the ram assembly. There are no user- serviceable parts. Contact your Clarke service department for any servicing. 4. Check the castors to ensure they move freely without undue wear to their spindles and that the wheels are not cracked or damaged. 5. Remove any rust and repaint to prevent further corrosion. 6. Ensure that all warning labels are in place and clearly legible. HYDRAULIC OIL If any leakage is observed, it may be necessary to top up the hydraulic oil as follows. 1. Lower the jib to its lowest position, and remove the bolt that joins the ram to the jib. This will allow the ram to fully retract and give access to the plug. 2. Remove the filler plug from the side of the ram and top up the oil until it is level with the hole. Replace the filler plug. NOTE: Top up using Clarke hydraulic oil (part number 3050830). Do not mix different types of oil. |