| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CFC2000B bảng dữ liệu(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CFC2000B bảng dữ liệu(HTML) 4 Page - Clarke International |
|
4 / 12 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 4. Lower the load as much as possible before moving the crane. DO NOT use the crane to transport loads over long distances. 5. DO NOT allow the load to swing or drop suddenly whilst moving or lowering. 6. DO NOT use this crane to lift people. 7. DO NOT work under any raised load. 8. NEVER climb on, or attempt to ride on the crane. 9. Take care not to trap your fingers in the adjustable parts of the crane. 10. Due to the weight of the loaded crane, the help of an assistant will be beneficial when moving the crane around. 11. This is a heavy item (88kg). Take care when moving or folding away. 12. NEVER attempt to move a loaded crane across a floor having cracks, pebbles, or other obstacles which might impede its movement. 13. To move a loaded crane, always manouever it from the operators side. CARE OF THE CRANE 1. Ensure that the crane is properly maintained at all times and that no corrosion is allowed to weaken any components. 2. When replacing parts, use only those supplied by CLARKE International. 3. If the crane has been subjected to an abnormal load or shock, it should be removed from service immediately and fully inspected by qualified personnel. 4. NEVER tamper with the crane or modify it in any way as this could prove to be dangerous and will invalidate the guarantee. Only use the crane for the purpose for which it is intended. 5. The components of this crane are designed to withstand the rated capacity. DO NOT substitute any other components or exceed the rated capacity of the crane. 6. If the load capacity decal becomes worn or illegible, contact Clarke Parts and Service department for a replacement. GUARANTEE This CLARKE product is guaranteed against faulty manufacture for a period of 12 months from the date of purchase. Please keep your receipt as proof of purchase. This guarantee is invalid if the product is found to have been abused or tampered with in any way, or not used for the purpose for which it was intended. Faulty goods should be returned to their place of purchase, no product can be returned to us without prior permission. This guarantee does not effect your statutory rights. |