công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMKDB1120FS bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMKDB1120FS
Giải thích chi tiết về linh kiện  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMKDB1120FS Datasheet HTML 1Page - Texas Instruments LMKDB1120FS Datasheet HTML 2Page - Texas Instruments LMKDB1120FS Datasheet HTML 3Page - Texas Instruments LMKDB1120FS Datasheet HTML 4Page - Texas Instruments LMKDB1120FS Datasheet HTML 5Page - Texas Instruments LMKDB1120FS Datasheet HTML 6Page - Texas Instruments LMKDB1120FS Datasheet HTML 7Page - Texas Instruments LMKDB1120FS Datasheet HTML 8Page - Texas Instruments LMKDB1120FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
Table 5-1. LMKDB1120 and LMKDB1120FS Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME(2) (3)
NO.
CLOCK OUTPUTS
CLK0_P
J1
O
LP-HCSL differential clock output 0. No connect if unused.
CLK0_N
K1
O
CLK1_P
L1
O
LP-HCSL differential clock output 1. No connect if unused.
CLK1_N
M1
O
CLK2_P
M2
O
LP-HCSL differential clock output 2. No connect if unused.
CLK2_N
M3
O
CLK3_P
M4
O
LP-HCSL differential clock output 3. No connect if unused.
CLK3_N
M5
O
CLK4_P
M7
O
LP-HCSL differential clock output 4. No connect if unused.
CLK4_N
M8
O
CLK5_P
M9
O
LP-HCSL differential clock output 5. No connect if unused.
CLK5_N
M10
O
CLK6_P
M11
O
LP-HCSL differential clock output 6. No connect if unused.
CLK6_N
M12
O
CLK7_P
L12
O
LP-HCSL differential clock output 7. No connect if unused.
CLK7_N
K12
O
CLK8_P
J12
O
LP-HCSL differential clock output 8. No connect if unused.
CLK8_N
H12
O
CLK9_P
G12
O
LP-HCSL differential clock output 9. No connect if unused.
CLK9_N
F12
O
CLK10_P
D12
O
LP-HCSL differential clock output 10. No connect if unused.
CLK10_N
C12
O
CLK11_P
B12
O
LP-HCSL differential clock output 11. No connect if unused.
CLK11_N
A12
O
CLK12_P
A11
O
LP-HCSL differential clock output 12. No connect if unused.
CLK12_N
A10
O
CLK13_P
A9
O
LP-HCSL differential clock output 13. No connect if unused.
CLK13_N
A8
O
CLK14_P
A7
O
LP-HCSL differential clock output 14. No connect if unused.
CLK14_N
A6
O
CLK15_P
A5
O
LP-HCSL differential clock output 15. No connect if unused.
CLK15_N
A4
O
CLK16_P
A3
O
LP-HCSL differential clock output 16. No connect if unused.
CLK16_N
A2
O
CLK17_P
A1
O
LP-HCSL differential clock output 17. No connect if unused.
CLK17_N
B1
O
CLK18_P
C1
O
LP-HCSL differential clock output 18. No connect if unused.
CLK18_N
D1
O
CLK19_P
E1
O
LP-HCSL differential clock output 19. No connect if unused.
CLK19_N
F1
O
POWER
VDDA
H2
P
Analog power supply. Additional power supply filtering is recommended. See Section 10.3
for details.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com