| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMKDB1120FS bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMKDB1120FS bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 133 page ![]() • Device power supply is on or off • PWRGD/PWRDN# pin is pulled high or low • Clock input is valid or invalid The OE# pins only take effect if all below conditions are met: 1. The clock input is valid 2. The PWRGD/PWRDN# pin is high 3. The device power is up Otherwise outputs are always muted and OE# assertion and deassertion has no impact. If OE# pins become low in any of the below conditions: 1. Input clock is invalid 2. PWRGD/PWRDN# pin is low 3. Device power is off Then when all below conditions are met: 1. The clock input is valid 2. The PWRGD/PWRDN# pin is high 3. The device power is up Outputs are enabled without any glitch (assuming register OE and SBI OE are active). 8.3.2.3 Clock Input and PWRGD/PWRDN# Behaviors When Device Power is Off Input clocks can be running, floating, low/low or pulled to VDD when device power is off, regardless of PWRGD/PWRDN# pin states (low, high, low-to-high transition and high-to-low transition). Table 8-1 shows all the supported sequences; where clock input can be applied before or after VDD is applied. Table 8-1. Flexible Power-up Sequences VDD PWRGD/PWRDN# CLKIN_P/CLKIN_N Not Present X Running Floating Low / Low Present 0 or 1 Running Floating Low / Low 8.3.3 LOS and OE 8.3.3.1 Additional OE# Pins for LMKDB1120 and Backward Compatibility The DB2000QL specification only defines 8 OE# pins. In the LMKDB1120, 12 additional OE# pins are added so that each of the 20 outputs has a dedicated OE# pin. This provides additional design flexibility. The LMKDB1120 is backward pin-compatible with DB2000QL because all OE# pins have internal pulldown resistor. When left floating, these additional OE# pins have no impact (OE# pins are active low), because the three types of OE controls follow the AND logic. 8.3.3.2 Synchronous OE Outputs are enabled and disabled synchronously. Synchronous OE means when an output is enabled or disabled, there is no glitch or runt pulse at the output. LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS LMKDB1112, LMKDB1120, LMKDB1120FS SNAS855G – NOVEMBER 2023 – REVISED MAY 2026 www.ti.com 40 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |