công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB09TE bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện STM32WB09TE
Giải thích chi tiết về linh kiện  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 27Page - STMicroelectronics STM32WB09TE Datasheet HTML 28Page - STMicroelectronics STM32WB09TE Datasheet HTML 29Page - STMicroelectronics STM32WB09TE Datasheet HTML 30Page - STMicroelectronics STM32WB09TE Datasheet HTML 31Page - STMicroelectronics STM32WB09TE Datasheet HTML 32Page - STMicroelectronics STM32WB09TE Datasheet HTML 33Page - STMicroelectronics STM32WB09TE Datasheet HTML 34Page - STMicroelectronics STM32WB09TE Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
5
Application circuits
The schematics below are purely indicative.
Figure 9. Application circuit: DC-DC converter, WLCSP36 package
PA0
PA1
PA2
PA3
PA8
PA9
PA10
PA11
M6
L5
K6
N7
G6
F7
J7
L7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
E4
C4
H5
F5
C6
D5
E6
D7
PB7
PB14
PB13
PB12
PB15
F1
F3
D3
G2
C15
C16
X1
XTAL_LS
OSCOUT
OSCIN
N1
L1
X2
XTAL_HS
RF1 N5
C13
L3
C14
C11
L4
C12
A1
C10
VLXSD
VFBSD
L1
L2
C8
C9
U1
C5
C6
VDD
VDD
C3
C4
VDD
C1
C2
C7
STM32WB09xE
WLCSP36
STM32WB09xE
Application circuits
DS14210 - Rev 6
page 31/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73