| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WB09TE bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB09TE bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 73 page ![]() 3.27 Direction finding The STM3WB09xE Bluetooth® radio controller supports the angle of arrival (AoA) and angle of departure (AoD) features by managing: • the constant tone extension (CTE) inside a packet • the antenna switching mechanism for both AoA and AoD. The antenna switching mechanism provides a 7-bit antenna identifier RADIO_ANTENNA_ID[6:0] indicating the antenna number to be used. In a AoD transmitter or in a AoA receiver, the radio needs to switch antenna during the CTE field of the packet. For this purpose, the RADIO_ANTENNA_ID signal can be enabled on some I/Os, by programming them in the associated alternate function. This signal needs to be provided to an external antenna switching circuit, since RADIO_ANTENNA_ID[0] is the least significant bit and RADIO_ANTENNA _ID[6] the most significant bit of the antenna identifier to be used. STM32WB09xE Functional overview DS14210 - Rev 6 page 24/73 |