công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6422BSDFHAALVR bảng dữ liệu(PDF) 89 Page - Texas Instruments

tên linh kiện AM6422BSDFHAALVR
Giải thích chi tiết về linh kiện  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM6422BSDFHAALVR bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button AM6422BSDFHAALVR Datasheet HTML 85Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 86Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 87Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 88Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 89Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 90Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 91Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 92Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 273 page
background image
(2)
The functionality of these pins is controlled by SERDES0_LN0_CTRL_LANE_FUNC_SEL.
5.3.22 System and Miscellaneous
5.3.22.1 Boot Mode Configuration
5.3.22.1.1 MAIN Domain
Table 5-63. Sysboot Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
BOOTMODE00
I
Bootmode pin 0
T20
BOOTMODE01
I
Bootmode pin 1
U21
BOOTMODE02
I
Bootmode pin 2
T18
BOOTMODE03
I
Bootmode pin 3
U20
BOOTMODE04
I
Bootmode pin 4
U18
BOOTMODE05
I
Bootmode pin 5
U19
BOOTMODE06
I
Bootmode pin 6
V20
BOOTMODE07
I
Bootmode pin 7
V21
BOOTMODE08
I
Bootmode pin 8
V19
BOOTMODE09
I
Bootmode pin 9
T17
BOOTMODE10
I
Bootmode pin 10
R16
BOOTMODE11
I
Bootmode pin 11
W20
BOOTMODE12
I
Bootmode pin 12
W21
BOOTMODE13
I
Bootmode pin 13
V18
BOOTMODE14
I
Bootmode pin 14
Y21
BOOTMODE15
I
Bootmode pin 15
Y20
5.3.22.2 Clock
5.3.22.2.1 MCU Domain
Table 5-64. MCU Clock Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
C21
MCU_OSC0_XO
O
High frequency oscillator output
B20
5.3.22.3 System
5.3.22.3.1 MAIN Domain
Table 5-65. System Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
CLKOUT0
O
RMII Clock Output (50MHz). This pin is used for clock
source to the external PHY and must be routed back to the
RMII_REF_CLK pin for proper device operation.
A19, U13
EXTINTn
I
External Interrupt
C19
EXT_REFCLK1
I
External clock input to Main domain
A19
OBSCLK0
O
Observation clock output for test and debug purposes only
D17
PORz_OUT
O
Main domain POR status output
E17
RESETSTATz
O
Main domain warm reset status output
F16
RESET_REQz
I
Main domain external warm reset request input
E18
SYSCLKOUT0
O
SYSCLK0 output from Main PLL controller (divided by 6)
for test and debug purposes only
C17
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com