| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2432BKEGHIALXR. bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BKEGHIALXR. bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 282 page ![]() 5.2 Pin Attributes The following list describes the contents of each column in the Pin Attributes table: 1. BALL NUMBER: Ball numbers assigned to each terminal of the Ball Grid Array package. 2. BALL NAME: Ball name assigned to each terminal of the Ball Grid Array package (this name is typically taken from the primary MUXMODE 0 signal function). 3. SIGNAL NAME: Signal name(s) of all dedicated and pin multiplexed signal functions associated with a ball. Note Many device pins support multiple signal functions. Some signal functions are selected via a single layer of multiplexers associated with pins. Other signal functions are selected via two or more layers of multiplexers, where one layer is associated with the pins and other layers are associated with peripheral logic functions. The Pin Attributes table, defines the SoC pin multiplexed signal function implemented at the pin and does not define secondary multiplexing of signal functions implemented in device subsystems. Secondary multiplexing of signal functions are not described in this table. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 4. MUX MODE: The MUXMODE value associated with each pin multiplexed signal function: a. MUXMODE 0 is the primary pin multiplexed signal function. However, the primary pin multiplexed signal function is not necessarily the default pin multiplexed signal function. Note The value found in the MUX MODE AFTER RESET column defines the default pin multiplexed signal function selected when MCU_PORz is deasserted. b. MUXMODE values 1 through 15 are possible for pin multiplexed signal functions. However, not all MUXMODE values have been implemented. The only valid MUXMODE values are those defined as pin multiplexed signal functions within the Pin Attributes table. Only valid values of MUXMODE can be used. c. Bootstrap defines SOC configuration pins, where the logic state applied to each pin is latched on the rising edge of PORz_OUT. These input signal functions are fixed to their respective pins and are not programmable via MUXMODE. d. An empty box means Not Applicable. Note The following configurations of MUXMODE must be avoided for proper device operation. • Configuring multiple pins operating as inputs to the same pin multiplexed signal function is not supported as it can yield unexpected results. • Configuring a pin to an undefined pin multiplexing mode will cause the pin behavior to be undefined. AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 12 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |