| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2432BKEGHIALXR. bảng dữ liệu(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BKEGHIALXR. bảng dữ liệu(HTML) 90 Page - Texas Instruments |
|
90 / 282 page ![]() 5.3.20 Reserved and No Connect Table 5-66. Reserved Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] RSVD0 N/A Reserved, must be left unconnected H16 H11 RSVD1 N/A Reserved, must be left unconnected D21 J13 RSVD2 N/A Reserved, must be left unconnected G13 RSVD3 N/A Reserved, must be left unconnected F17 RSVD4 N/A Reserved, must be left unconnected W15 RSVD5 N/A Reserved, must be left unconnected V16 RSVD6 N/A Reserved, must be left unconnected K2 RSVD7 N/A Reserved, must be left unconnected K1 RSVD8 N/A Reserved, must be left unconnected F12 5.3.21 SERDES MAIN Domain Instances Table 5-67. SERDES0 Signal Descriptions SIGNAL NAME [1] ((3)) ((2)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] PCIE0_CLKREQn IO PCIE Clock Request Signal D16 C11 SERDES0_REXT (1) A External SerDes PHY Calibration Resistor T13 SERDES0_REFCLK0N IO SerDes PHY Reference Clock Input/Output (negative) W16 SERDES0_REFCLK0P IO SerDes PHY Reference Clock Input/Output (positive) W17 SERDES0_RX0_N I SerDes PHY Differential Receive Data (negative) Y15 SERDES0_RX0_P I SerDes PHY Differential Receive Data (positive) Y16 SERDES0_TX0_N O SerDes PHY Differential Transmit Data (negative) AA16 SERDES0_TX0_P O SerDes PHY Differential Transmit Data (positive) AA17 (1) An external 3.01kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin. (2) The functionality of these pins is controlled by the SERDES0_LN0_CTRL_LANE_FUNC_SEL register. (3) The SERDES0 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 5.3.22 System and Miscellaneous 5.3.22.1 Boot Mode Configuration MAIN Domain Instances Table 5-68. Sysboot Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] BOOTMODE00 I Bootmode pin 0 T20 R21 BOOTMODE01 I Bootmode pin 1 U21 R20 BOOTMODE02 I Bootmode pin 2 T18 T19 BOOTMODE03 I Bootmode pin 3 U20 V21 BOOTMODE04 I Bootmode pin 4 U18 U21 BOOTMODE05 I Bootmode pin 5 U19 T20 BOOTMODE06 I Bootmode pin 6 V20 T18 BOOTMODE07 I Bootmode pin 7 V21 U19 BOOTMODE08 I Bootmode pin 8 V19 U18 BOOTMODE09 I Bootmode pin 9 T17 U20 BOOTMODE10 I Bootmode pin 10 R16 V20 BOOTMODE11 I Bootmode pin 11 W20 W20 BOOTMODE12 I Bootmode pin 12 W21 Y20 BOOTMODE13 I Bootmode pin 13 V18 Y19 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 90 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |