| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2432BKEGHIALXR. bảng dữ liệu(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BKEGHIALXR. bảng dữ liệu(HTML) 113 Page - Texas Instruments |
|
113 / 282 page ![]() 6.7.7 ADC12B Electrical Characteristics (ALV/ANI package) over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Resolution (ALV/ANI package) 12 Bits VADC0_VREFP (1) Positive Reference Voltage, ADC0_VREFP 1.71 1.89 V VADC0_VREFN (1) Negative Reference Voltage, ADC0_VREFN VSS V VADC_AIN[7:0] Analog Input Voltage, ADC_AIN[7:0], Full-scale VSS VDDA_ADC0 V DNL Differential Non-Linearity > -1 +1 LSB INL Integral Non-Linearity -2 +2 LSB LSBGAIN-ERROR Gain Error ±10 LSB LSBOFFSET-ERROR Offset Error ±5 LSB SNR Signal-to-Noise Ratio Input Signal: 200kHz sine wave at -0.5dB Full Scale 70 dB THD Total Harmonic Distortion Input Signal: 200kHz sine wave at -0.5dB Full Scale -75 dB ZADC_AIN[0:7] Analog Input Impedance, ADC0_AIN[7:0] (2) Ω IIN Input Leakage ±10 μA CSMPL Sampling Capacitance 5.5 pF Sampling Dynamics FSMPL_CLK ADC0 SMPL_CLK Frequency 60 MHz tC Conversion Time 13 ADC0 SMPL_CLK Cycles tACQ Acquisition Time 2 257 ADC0 SMPL_CLK Cycles TR Sampling Rate ADC0 SMPL_CLK = 60MHz 4 MSPS General Purpose Input Mode (3) VIL Input Low Voltage 0.35 × VDDA_ADC0 V VILSS Input Low Voltage Steady State 0.35 × VDDA_ADC0 V VIH Input High Voltage 0.65 × VDDA_ADC0 V VIHSS Input High Voltage Steady State 0.65 × VDDA_ADC0 V VHYS Input Hysteresis Voltage 200 mV II (4) Input Leakage Current ADC0_AIN[7:0] = VDDA_ADC0 10 μA ADC0_AIN[7:0] = VSS -10 μA (1) The ADC0_REFP and ADC0_REFN reference inputs are analog inputs which must be treated like high transient power supply rails. ADC0_REFN is expected to be connected directly to the PCB ground plane along with all other VSS pins, and ADC0_REFP is connected to a power source capable of providing at least 4mA of current. ADC0_REFP can be connected to the same power source as VDDA_ADC0 if the voltage tolerance of the supply provides an acceptable accuracy for the ADC reference. A high frequency decoupling capacitor must be connected directly to the ADC0_REFP and ADC0_REFN pins with vias and be placed in the ball array on the back side of the PCB. www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 113 Product Folder Links: AM2434 AM2432 AM2431 |