công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B95B bảng dữ liệu(PDF) 11 Page - Holtek Semiconductor Inc

tên linh kiện HT9B95B
Giải thích chi tiết về linh kiện  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B bảng dữ liệu(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev. 1.10
11
November 25, 2015
HT9B95A/B/G
When the HT9B95A device is selected, the LCD RAM map is implemented as the following table shown.
Address
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
Output
00H
SEG0
01H
SEG1
02H
SEG2
03H
SEG3
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1FH
SEG31
20H
SEG32
21H
SEG33
22H
SEG34
RAM Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 35x8 Display Mode
When the HT9B95B/HT9B95G device is selected with 1/8 duty, the LCD RAM map is implemented as the
following table shown.
Address
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
Output
00H
SEG0
01H
SEG1
02H
SEG2
03H
SEG3
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
23H
SEG35
24H
SEG36
25H
SEG37
26H
SEG38
RAM Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 39x8 Display Mode
When the HT9B95B/HT9B95G device is selected with 1/4 duty, the LCD RAM map is implemented as the
following table shown.
Address COM0
COM1
COM2
COM3
Output
COM0
COM1
COM2
COM3
Output
00H
SEG0
SEG1
01H
SEG2
SEG3
02H
SEG4
SEG5
03H
SEG6
SEG7
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
12H
SEG36
SEG37
13H
SEG38
SEG39
14H
SEG40
SEG41
15H
SEG42
—
—
—
—
—
RAM
Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 43x4 Display Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com