công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B95B bảng dữ liệu(PDF) 6 Page - Holtek Semiconductor Inc

tên linh kiện HT9B95B
Giải thích chi tiết về linh kiện  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B bảng dữ liệu(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Rev. 1.10
6
November 25, 2015
HT9B95A/B/G
No.
Name
X
Y
No.
Name
X
Y
24
DUMMY
1470.500
-100.810
62
SEG13
-617.300
472.500
25
DUMMY
1470.500
-20.810
63
SEG12
-677.300
472.500
26
DUMMY
1470.500
59.190
64
SEG11
-737.300
472.500
27
DUMMY
1470.500
139.190
65
SEG10
-797.300
472.500
28
DUMMY
1470.500
472.500
66
SEG9
-857.300
472.500
29
COM7/COM3
1396.300
472.500
67
SEG8
-917.300
472.500
30
COM6/COM2
1336.300
472.500
68
SEG7
-977.300
472.500
31
COM5/COM1
1276.300
472.500
69
SEG6
-1037.300
472.500
32
COM4/COM0
1216.300
472.500
70
SEG5
-1097.300
472.500
33
COM3/SEG42
1147.700
472.500
71
SEG4
-1157.300
472.500
34
COM2/SEG41
1087.700
472.500
72
SEG3
-1217.300
472.500
35
COM1/SEG40
1027.700
472.500
73
SEG2
-1277.300
472.500
36
COM0/SEG39
967.700
472.500
74
SEG1
-1337.300
472.500
37
SEG38
882.700
472.500
75
SEG0
-1397.300
472.500
38
SEG37
822.700
472.500
Pin Description
HT9B95A
Pin Name
Type
Description
SDA
I/O
Serial Data Input/Output pin
Serial Data (SDA) Input/Output for 2-wire I2C interface is an NMOS open drain structure.
SCL
I
Serial Clock Input pin
Serial Data (SCL) is a clock input for 2-wire I2C interface.
COM0~COM7
O
LCD Common outputs.
SEG0~SEG34
O
LCD Segment outputs.
VDD
—
Positive power supply.
VSS
—
Negative power supply, ground.
VLCD
—
LCD power supply pin
HT9B95B/HT9B95G
Pin Name
Type
Description
SDA
I/O
Serial Data Input/Output pin
Serial Data (SDA) Input/Output for 2-wire I2C interface is an NMOS open drain structure.
SCL
I
Serial Clock Input pin
Serial Data (SCL) is a clock input for 2-wire I2C interface.
COM0/SEG39
~ COM3/SEG42
O
LCD common or segment outputs
These pins are set to COM0 ~ COM3 when 1/8 duty is set
These pins are set to SEG39 ~ SEG42 when 1/4 duty is set
COM4/COM0
~ COM7/COM3
O
LCD Common outputs.
These pins are set to COM4 ~ COM7 when 1/8 duty is set
These pins are set to COM0 ~ COM3 when 1/4 duty is set
SEG0~SEG38
O
LCD Segment outputs.
VDD
—
Positive power supply.
VSS
—
Negative power supply, ground.
VLCD
—
LCD power supply pin
TEST
—
TEST pin in HT9B95G, keep floating. Only available in HT9B95G.
DUMMY
—
Dummy pin, keep floating. Only available in HT9B95G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com