| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FP bảng dữ liệu(PDF) 99 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FP bảng dữ liệu(HTML) 99 Page - ABB |
|
99 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 3-pole: 294/11.57 4-pole: 374/14.72 131,5 5.18 28 1.10 15 0.59 50 1.97 13,5 0.53 11 0.43 232 9.13 223,2 8.79 176 6.93 103 4.06 mm in M8 42 1.65 50 1.969 80 3.15 80 3.15 80 3.15 3-pole: 334,5/13.17 4-pole: 414,5/16.32 50,5 1.99 158,5 6.24 96,9 3.82 167 6.57 127 5.00 308,5 12.5 237,5 9.35 3-pole: 294/11.57 4-pole: 374/14.72 131,5 5.18 28 1.10 15 0.59 50 1.97 13,5 0.53 11 0.43 232 9.13 223,2 8.79 176 6.93 103 4.06 mm in M8 42 1.65 50 1.969 80 3.15 80 3.15 80 3.15 3-pole: 334,5/13.17 4-pole: 414,5/16.32 50,5 1.99 158,5 6.24 96,9 3.82 167 6.57 127 5.00 308,5 12.5 237,5 9.35 3-pole: 294/11.57 4-pole: 374/14.72 131,5 5.18 28 1.10 15 0.59 50 1.97 13,5 0.53 11 0.43 232 9.13 223,2 8.79 176 6.93 103 4.06 mm in M8 42 1.65 50 1.969 80 3.15 80 3.15 80 3.15 3-pole: 334,5/13.17 4-pole: 414,5/16.32 50,5 1.99 158,5 6.24 96,9 3.82 167 6.57 127 5.00 308,5 12.5 237,5 9.35 OT1000...1250 Mechanism at the end of the switch 131,5 5.18 3-pole: 294/11.57 4-pole: 374/14.72 11 0.43 13,5 0.53 50 1.97 15 0.59 28 1.10 176 6.93 223,2 8.79 232 9.13 mm in M8 80 3.15 80 3.15 164 6.46 50,5 1.99 3-pole: 395,8/15.58 4-pole: 475,8/18.73 42 1.65 50 1.97 96,9 3.82 158,5 6.24 61,3 2.41 167 6.57 127 5.00 308,5 12.15 237,5 9.35 103 4.05 131,5 5.18 3-pole: 294/11.57 4-pole: 374/14.72 11 0.43 13,5 0.53 50 1.97 15 0.59 28 1.10 176 6.93 223,2 8.79 232 9.13 mm in M8 80 3.15 80 3.15 164 6.46 50,5 1.99 3-pole: 395,8/15.58 4-pole: 475,8/18.73 42 1.65 50 1.97 96,9 3.82 158,5 6.24 61,3 2.41 167 6.57 127 5.00 308,5 12.15 237,5 9.35 103 4.05 131,5 5.18 3-pole: 294/11.57 4-pole: 374/14.72 11 0.43 13,5 0.53 50 1.97 15 0.59 28 1.10 176 6.93 223,2 8.79 232 9.13 mm in M8 80 3.15 80 3.15 164 6.46 50,5 1.99 3-pole: 395,8/15.58 4-pole: 475,8/18.73 42 1.65 50 1.97 96,9 3.82 158,5 6.24 61,3 2.41 167 6.57 127 5.00 308,5 12.15 237,5 9.35 103 4.05 OT1000...1250 Mechanism between the poles Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 99 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 99 |