công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL80FP bảng dữ liệu(PDF) 96 Page - ABB

tên linh kiện OTPL80FP
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL80FP bảng dữ liệu(HTML) 96 Page - ABB

Back Button OTPL80FP Datasheet HTML 92Page - ABB OTPL80FP Datasheet HTML 93Page - ABB OTPL80FP Datasheet HTML 94Page - ABB OTPL80FP Datasheet HTML 95Page - ABB OTPL80FP Datasheet HTML 96Page - ABB OTPL80FP Datasheet HTML 97Page - ABB OTPL80FP Datasheet HTML 98Page - ABB OTPL80FP Datasheet HTML 99Page - ABB OTPL80FP Datasheet HTML 100Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800, base mounting, IEC
OT630_P and OT800_P
Mechanism at the end of the switch or between the poles
A
ON
I
T
O
OFF
13,5
0,53
6
0,24
20
0,79
198
7,80
39
1,54
160
6,30
180
7,09
95
3,74
65
2,56
90
3,54
65
2,56
65
2,56
130
5,12
M5
3/16
22
0,87
114
4,49
160...285
6,30...11,22 (OXP 12x185)
125
4,92
250
9,84
45
1,77
60,5
2,38
5
0,20
26
1,02
12
0,47
45
1,77
min 20
min 0,79
61,5/138,6
2,42/5,46
110,5
4,35
5,5
0,22
A1
ON
I
T
O
OFF
180
7,09
88,5
3,48
C1
ON
I
T
O
OFF
144
5,67
106,5
4,19
B1
ON
I
T
O
OFF
175
6,89
97,5
3,84
A
ON
I
T
O
OFF
13,5
0,53
6
0,24
20
0,79
198
7,80
39
1,54
160
6,30
180
7,09
95
3,74
65
2,56
90
3,54
65
2,56
65
2,56
130
5,12
M5
3/16
22
0,87
114
4,49
160...285
6,30...11,22 (OXP 12x185)
125
4,92
250
9,84
45
1,77
60,5
2,38
5
0,20
26
1,02
12
0,47
45
1,77
min 20
min 0,79
61,5/138,6
2,42/5,46
110,5
4,35
5,5
0,22
A1
ON
I
T
O
OFF
180
7,09
88,5
3,48
C1
ON
I
T
O
OFF
144
5,67
106,5
4,19
B1
ON
I
T
O
OFF
175
6,89
97,5
3,84
OT630_P and OT800_P
Mechanism at the end of the switch or between the poles
23,5
0,93
180
7,09
A1
32,5
1,28
175,2
6,90
B1
41,5
1,63
144
5,67
C1
32,5
1,28
65
2,56
13,5
0,53
90
3,54
160
6,30
180
7,07
88,5
3,48
65
2,56
39
1,54
A
198
7,80
6
0,24
20
0,79
M5
3/16
60,4
2,38
5
5,5
0,20
0,22
26
1,02
12
0,47
22
0,87
250
9,84
114
4,49
min 20
min 0,79
45
1,77
160...285
6,30...11,22
61,5 / 138,6
2,42 / 5,46
125
4,92
45
1,77
(OXP 12 x 185)
C00013_/13OT630_800_01_04 B /ES
OT630/800
[mm/in]
E01
E02
E03
E04
A
136/5,35
201/7,91
266/10,47
331/13,03
A1112/4,41 177/6,97
242/9,53
307/12,09
B1130/5,12 195/7,68
260/10,24
325/12,80
C1
148/5,83
213/8,39
278/10,95
343/13,50
23,5
0,93
180
7,09
A1
32,5
1,28
175,2
6,90
B1
41,5
1,63
144
5,67
C1
32,5
1,28
65
2,56
13,5
0,53
90
3,54
160
6,30
180
7,07
88,5
3,48
65
2,56
39
1,54
A
198
7,80
6
0,24
20
0,79
M5
3/16
60,4
2,38
5
5,5
0,20
0,22
26
1,02
12
0,47
22
0,87
250
9,84
114
4,49
min 20
min 0,79
45
1,77
160...285
6,30...11,22
61,5 / 138,6
2,42 / 5,46
125
4,92
45
1,77
(OXP 12 x 185)
C00013_/13OT630_800_01_04 B /ES
OT630/800
[mm/in]
E01
E02
E03
E04
A
136/5,35
201/7,91
266/10,47
331/13,03
A1112/4,41 177/6,97
242/9,53
307/12,09
B1130/5,12 195/7,68
260/10,24
325/12,80
C1
148/5,83
213/8,39
278/10,95
343/13,50
Main dimensions mm, inches
OT630/800
[mm] E01
E02
E03
E04
A
136/5,35
204/7,91
266/10,47 331/13,03
A1
112/4,41
177/6,97
242/9,53
307/12,09
B1
130/5,12
195/7,68
260/10,24 325/12,80
C1
148/5,83
213/8,39
278/10,95 343/13,50
C00013_/13OT630_800_01_04 B /ES
OT630/800
[mm] E11
E12
E13
E22
A
201/7,91
266/10,47 331/13,03 331/13,03
A1
177/6,97
242/9,53
307/12,09 307/12,09
B1
195/7,68
260/10,24 325/12,80 325/12,80
C1
213/8,39
278/10,95 343/13,50 343/13,50
M00082/OT630-800_11_22 C /ES
96
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
96
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More