| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL80FP bảng dữ liệu(PDF) 60 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL80FP bảng dữ liệu(HTML) 60 Page - ABB |
|
60 / 192 page ![]() Locking accessories — Padlocking adapter For a padlock with max. 3.5 mm bail. Suitable for switches Type Order code Weight/ unit kg OT63...125 SA1 GJF1 101 903 R000 0.01 — Door interlock bracket for pistol handles Prevents defeating the door interlock. Suitable for switches Type Order code Weight/ unit kg For pistol handles OH_45...275 OHZX4 1SCA022467R2470 0.03 — Cam attachment Cam attachment for Castell, Lowe & Fletcher and Ronis interlock. Lock, handle or shaft are not included. Mounting on OXP shaft working together with external OH door handle. Suitable for switches Type Order code Weight/ unit kg OT16…160 OETLZW16 1SCA022093R2070 0.17 — Accessories for manual switch-disconnectors OT16...160 Ordering information for locking accessories OETLZW16 OHZX4 SA1 60 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 60 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |