| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3111Q552B bảng dữ liệu(PDF) 4 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R3111Q552B bảng dữ liệu(HTML) 4 Page - Nisshinbo Micro Devices Inc. |
|
4 / 43 page ![]() R3111x 4 R3111E (TO-92) is the discontinued product as of April, 2017. PIN CONFIGURATIONS TO-92 SOT-89 SOT-23-3 SOT-23-5 3 12 (mark side) 3 12 (mark side) 12 3 (mark side) 12 3 4 5 (mark side) SC-82AB SC-88A SON1612-6 4 3 1 2 (mark side) 5 4 1 3 2 (mark side) 12 3 65 4 (mark side) PIN DESCRIPTIONS TO-92 SOT-89 SOT-23-3 SOT-23-5 Pin No. Symbol Pin No. Symbol Pin No. Symbol Pin No. Symbol 1 VDD 1 OUT 1 OUT 1 OUT 2 GND 2 VDD 2 GND 2 VDD 3 OUT 3 GND 3 VDD 3 GND 4 NC 5 NC SC-82AB SC-88A SON1612-6 Pin No. Symbol Pin No. Symbol Pin No. Symbol 1 OUT 1 OUT 1 OUT 2 VDD 2* NC 2 VDD 3 NC 3 VDD 3 GND 4 GND 4 NC 4 NC 5 GND 5 VDD 6 NC * Pin No. 2 is connected to the bottom of the IC. It is recommended that the pin be connected to the VDD pin on the board, or otherwise be left floating so that there is no contact with other potentials. |