công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH-2A bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp

tên linh kiện SH-2A
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2A bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp

Back Button SH-2A Datasheet HTML 45Page - Renesas Technology Corp SH-2A Datasheet HTML 46Page - Renesas Technology Corp SH-2A Datasheet HTML 47Page - Renesas Technology Corp SH-2A Datasheet HTML 48Page - Renesas Technology Corp SH-2A Datasheet HTML 49Page - Renesas Technology Corp SH-2A Datasheet HTML 50Page - Renesas Technology Corp SH-2A Datasheet HTML 51Page - Renesas Technology Corp SH-2A Datasheet HTML 52Page - Renesas Technology Corp SH-2A Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 501 page
background image
Section 4 Instruction Features
Rev. 3.00 Jul 08, 2005 page 35 of 484
REJ09B0051-0300
Table 4.3
T Bit
SH-2A/SH2A-FPU CPU
Description
Example for Other CPU
CMP/GE R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0 ≥ R1. The
program branches to TRGET0
when R0 ≥ R1 and to TRGET1
when R0 < R1.
CMP.W R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#–1,R0
CMP/EQ #0,R0
BT
TRGET
T bit is not changed by ADD. T
bit is set when R0 = 0. The
program branches if R0 = 0.
SUB.W #1,R0
BEQ
TRGET
(10) Immediate Data
Byte immediate data is located in instruction code. Word or longword immediate data is not input
via instruction codes but is stored in a memory table. The memory table is accessed by an
immediate data transfer instruction (MOV) using the PC relative addressing mode with
displacement.
With the SH-2A/SH2A-FPU, immediate data of 17 to 28 bits can be located in an instruction code.
However, for immediate data of 21 to 28 bits, an OR instruction must be executed after a register
transfer.
Table 4.4
Referencing by Means of Immediate Data
Type
SH-2A/SH2A-FPU CPU
Example for Other CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOVI20
#H'1234, R0
MOV.W #H'1234,R0
20-bit immediate
MOVI20
#H'12345, R0
MOV.L
#H'12345,R0
28-bit immediate
MOVI20S #H'12345, R0
OR
#H'67, R0
MOV.L
#H'1234567,R0
32-bit immediate
MOV.L
@(disp,PC),R0
. . . . . . . . . . .
.DATA.L
H'12345678
MOV.L
#H'12345678,R0
Note: Immediate data is referenced by @(disp,PC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com