công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA333BW bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện STA333BW
Giải thích chi tiết về linh kiện  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 33Page - STMicroelectronics STA333BW Datasheet HTML 34Page - STMicroelectronics STA333BW Datasheet HTML 35Page - STMicroelectronics STA333BW Datasheet HTML 36Page - STMicroelectronics STA333BW Datasheet HTML 37Page - STMicroelectronics STA333BW Datasheet HTML 38Page - STMicroelectronics STA333BW Datasheet HTML 39Page - STMicroelectronics STA333BW Datasheet HTML 40Page - STMicroelectronics STA333BW Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
STA333BW
Register description
37/64
Figure 16.
2.1 channels (OCFG=’01’) PWM slots.
2.1 channels, two fullbridge + one external full bridge (OCFG="10"):
"
DDX1A ' OUT1A
"
DDX1B ' OUT1B
"
DDX2A ' OUT2A
"
DDX2B ' OUT2B
"
DDX3A ' OUT3A
"
DDX3B ' OUT3B
"
EAPD
' OUT4A
"
TWARN OUT4B
"
DDX1A/1B configured as ternary
"
DDX2A/2B configured as ternary
"
DDX3A/3B configured as ternary
"
DDX4A/4B is not used
In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the
external bridge control signals are muxed.
In this configuration the PWM slot phase is the following as shown in the next figures:
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64