công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8103RM/D bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8103RM/D
Giải thích chi tiết về linh kiện  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
System Bus, HDI16, and Interrupt Signals
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-11
IRQ1
DP1
EXT_BG2
Input
Input/Output
Output
Interrupt Request 11
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Data Parity 11
The agent that drives the data bus also drives the data parity signals. The value driven on the data
parity one pin should give odd parity (odd number of ones) on the group of signals that includes data
parity 1 and D[8–15].
External Bus Grant 21,2
The MSC8103 asserts this pin to grant bus ownership to an external bus master.
IRQ2
DP2
EXT_DBG2
Input
Input/Output
Output
Interrupt Request 21
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Data Parity 21
The agent that drives the data bus also drives the data parity signals. The value driven on the data
parity two pin should give odd parity (odd number of ones) on the group of signals that includes data
parity 2 and D[16–23].
External Data Bus Grant 21,2
The MSC8103 asserts this pin to grant data bus ownership to an external bus master.
IRQ3
DP3
EXT_BR3
Input
Input/Output
Input
Interrupt Request 31
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Data Parity 31
The agent that drives the data bus also drives the data parity signals. The value driven on the data
parity three pin should give odd parity (odd number of ones) on the group of signals that includes
data parity 3 and D[24–31].
External Bus Request 31,2
An external master asserts this pin to request bus ownership from the internal arbiter.
IRQ4
DP4
DREQ3
EXT_BG3
Input
Input/Output
Input
Output
Interrupt Request 41
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Data Parity 41
The agent that drives the data bus also drives the data parity signals. The value driven on the data
parity four pin should give odd parity (odd number of ones) on the group of signals that includes data
parity 4 and D[32–39].
DMA Request 31
An external peripheral uses this pin to request DMA service.
External Bus Grant 31,2
The MSC8103 asserts this pin to grant bus ownership to an external bus master.
Table 1-5.
System Bus, HDI16, and Interrupt Signals (Continued)
Signal
Data Flow
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com