công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8103RM/D bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8103RM/D
Giải thích chi tiết về linh kiện  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-8
Freescale Semiconductor
Physical and Electrical Specifications
2.6.3
Clocking and Timing Characteristics
Figure 2-5.
Start-Up Sequence with CLKIN Started After VDDH and Before VDD
Figure 2-6.
Start-Up Sequence with VDDH Raised Before VDD with CLKIN Started Before VDD = 0.5 V
Table 2-10.
System Clock Parameters
Characteristic
Minimum
Maximum
Unit
Phase Jitter between BCLK and DLLIN
0.5
ns
CLKIN frequency1,2
18
100
MHz
CLKIN slope
5
ns
DLLIN slope
2
ns
CLKOUT frequency jitter
(0.01/CLKOUT) + CLKIN jitter
ns
Delay between CLKOUT and DLLIN
5
ns
Notes:
1.
Low CLKIN frequency causes poor PLL performance. Choose a CLKIN frequency high enough to keep the frequency after the
predivider (SPLLMFCLK) higher than 18 MHz.
2.
CLKIN should have a 50%
± 5% duty cycle.
Time
3.3 V
1.6 V
VDDH Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDDH applied
PORESET/TRST Deasserted
1
VDD applied
1.06 V
VDDH = Nominal
VDD = Nominal
Time
o.5 V
3.3 V
1.6 V
VDDH Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDDH applied
PORESET/TRST deasserted
1
VDD applied
1.06 V
VDDH = Nominal
VDD = Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com