công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP-SERIES bảng dữ liệu(PDF) 7 Page - Honeywell Solid State Electronics Center

tên linh kiện DP-SERIES
Giải thích chi tiết về linh kiện  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DP-SERIES bảng dữ liệu(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button DP-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 10Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
2DM Series
DM409 Series
Free position
22,4 mm [0.88 in]
21,6 mm [0.85 in]
Operating position
19,6 mm ±1,0 mm
[0.770 in ±0.040 in]
18,9 mm ±1,3 mm
[0.745 in ±0.050 in]
Overtravel
10,2 mm [0.40 in]
15,0 mm [0.59 in]
Operating force
6,67 N [24 oz]
6,67 N [24 oz]
Release force
1,67 N [6 oz]
-
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Momentary
DPDT
Bullet nose Black
Black
2DM1
Pull-to-Cheat DPDT
Finger grip
Black
Black
2DM409
* Latch position 16,9 mm ± 0,76 mm (.665 in. ± .030 in.)
DP Series
DP Series
Free position
22,4 mm [0.88 in]
31,52 mm [1.242 in]
Operating position
15,1 mm ±1,5 mm
[0.595 in ±0.06 in]
28,22 mm ±1,5 mm
[1.112 in ±0.06 in]
Overtravel
9,53 mm [0.375 in]
4,44 mm [0.175 in]
Operating force
4,45 N [16 oz]
8,34 N [30 oz]
Release force
0.83 N [3 oz]
0.83 N [3 oz]
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Momentary
SPNO
Bullet nose White
White
1DP5
Momentary
SPNO
Finger grip
White
White
1DP8
DM SERIES ORDER GUIDE
DP SERIES ORDER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com