công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP-SERIES bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center

tên linh kiện DP-SERIES
Giải thích chi tiết về linh kiện  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DP-SERIES bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center

  DP-SERIES Datasheet HTML 1Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 2Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 sensing.honeywell.com
What makes our switches better?
• The right switch at the right cost for the product performance
Series meets industries’ most common standard applications
eliminating need for product modifications
Repeatable and consistent performance for up to
one million lifecycles
DP Series meets UL 508 requirements with extended electrical
endurance for industrial applications
MICRO SWITCH™ DM | DP Series
Snap-in Panel Mount Basic Switches
MICRO SWITCH™ DM/DP basic switches are designed for a variety of applications, and known for their compact,
lightweight design and accurate repeatability. The DM/DP Series is a special application precision switch that can be
used in a variety of applications, including appliance door lights and door interlocks, as well as service panels.
The DM/DP Series snap-action switches have momentary, push-pull, and pull-to-cheat configurations. The quick-
connect terminals and snap-in, panel-mount housings provide easy installation. In addition to the standard quick-
connect terminals (4,78 mm x 0,51 mm [0.188 in x 0.020 in]), larger 6,35 mm x 0,81 mm [0.25 in x 0.032 in] quick-
connect terminals can be provided.
INDUSTRY STANDARD
VALUE • RELIABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com