công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP-SERIES bảng dữ liệu(PDF) 6 Page - Honeywell Solid State Electronics Center

tên linh kiện DP-SERIES
Giải thích chi tiết về linh kiện  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DP-SERIES bảng dữ liệu(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button DP-SERIES Datasheet HTML 2Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center DP-SERIES Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 sensing.honeywell.com
DM | DP Series
1DM Series
1DM Series
1DM Series
Free position
22,4 mm [0.88 in]
11,4 mm [0.45 in]
11,4 mm [0.45 in]
Operating position
19,1 mm ±1,5 mm
[0.750 in ±0.06 in]
-
9,02 mm ±1,5 mm
[0.355 in ±0.06 in]
Overtravel
9,53 mm [0.375 in]
3,05 mm [0.120 in]
3,05 mm [0.12 in]
Operating force
4,17 N [15 oz]
4,17 N [15 oz]
4,17 N [15 oz]
Release force
0,83 N [3 oz]
0,83 N [3 oz]
0,83 N [3 oz]
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Momentary
SPDT
Bullet nose White
White
1DM1
Momentary
SPNC
Bullet nose White
White
1DM2
Momentary
SPNO
Bullet nose White
White
1DM3
Momentary
SPDT
Concave
Black
Gray
1DM18
Momentary
SPDT
Convex
White
White
1DM21
DM301 Series
2DM Series
DM401 Series
Free position
24,1 mm [0.95 in]
11,4 mm [0.45 in]
17,8 mm [0.70 in]
Operating position
-
-
-
Overtravel
15,9 mm [0.625 in]
3,05 mm [0.12 in]
13,2 mm [0.52 in]
Operating force
-
6,67 N [24 oz]
4,17 N [15 oz]
Release force
-
1,67 N [6 oz]
0,83 N [3 oz]
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Push-Pull
SPDT
Finger grip
Black
Gray
1DM301
Push-Pull
DPDT
Finger grip
Black
Gray
2DM301
Momentary
DPDT
Concave
Red
Gray
2DM6
Pull-to-Cheat SPDT
Finger grip
White
White
1DM401**
** Extended position 23,6 mm (.930 in. max.)
DM SERIES ORDER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com