| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FOXF1 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXF1 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 226 page ![]() Flash programmable memory ST7FOXF1, ST7FOXK1, ST7FOXK2 26/226 during a reset. In the application, even if the pin is configured as output, any reset will put it back in input pull-up. Figure 6. Typical ICC Interface PROGRAMMING TOOL ICC CONNECTOR HE10 CONNECTOR TYPE APPLICATION POWER SUPPLY 1 2 4 6 8 10 97 5 3 ICC CONNECTOR APPLICATION BOARD ICC Cable (See Note 3) ST7 OPTIONAL See Note 1 See Note 1 and Caution See Note 2 APPLICATION RESET SOURCE APPLICATION I/O (See Note 4) |