công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VJCOMMERCIALSERIES bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện VJCOMMERCIALSERIES
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJCOMMERCIALSERIES bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  VJCOMMERCIALSERIES Datasheet HTML 1Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 2Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 3Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 4Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 5Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 6Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 7Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 8Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 12-Dec-2025
3
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Case size designator may be replaced by four digit drawing number used to control non-standard products and / or special requirements
(2) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(3) Process code may be added with up to three digits, used to control non-standard products and / or special requirements
(4) Termination code “E” is for conductive epoxy assembly
(5) Polymer termination for size 0603 and larger. Packaging only in plastic tape “T” / “R”
(6) Variable plastic / paper tape, see ratings in “Selection Charts”
ORDERING INFORMATION
VJ0805 (1)
Y
102
K
X
A
A
T
### (3)(6)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC
VOLTAGE
RATING (2)
MARKING
PACKAGING PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
3640
A = C0G
(NP0)
Y = X7R
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
1R8 = 1.8 pF
102 = 1000 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note
C0G (NP0):
B, C, D < 10 pF
F, G, J, K
≥ 10 pF
X7R:
J, K, M
X = Ni barrier
100 % tin plated
matte finish
F, E = AgPd (4)
B = polymer
100 % tin plated
matte finish (5)
J = 16 V
X = 25 V
A = 50 V
B = 100 V
C = 200 V
P = 250 V
E = 500 V
L = 630 V
G = 1000 V
A =
unmarked
M = marked
Note
Marking
is only
available for
0805 and
1206 with
termination
code “X” /
“B”
C = 7" reel / paper tape
T = 7" reel / plastic tape
P = 11 1/4" / 13" reel /
paper tape
R = 11 1/4" / 13" reel /
plastic tape
O = 7" reel /
flamed paper tape
I = 11 1/4" / 13"reel /
flamed paper tape
Note
“I” and “O” are used for
“F”, “E” termination
size 0402 / 0603 / 0805
ENVIRONMENTAL STATUS
TERMINATION CODE
TERMINATION DESCRIPTION
RoHS COMPLIANT
VISHAY GREEN
X
Ni barrier 100 % tin plated matte finish
Yes
Yes
EAgPd
Yes
Yes
B
Polymer layer, 100 % tin plated matte finish
Yes
No
FAgPd
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com