công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VJCOMMERCIALSERIES bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện VJCOMMERCIALSERIES
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJCOMMERCIALSERIES bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  VJCOMMERCIALSERIES Datasheet HTML 1Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 2Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 3Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 4Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 5Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 6Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 7Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 8Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 12-Dec-2025
1
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
FEATURES
• C0G (NP0) and X7R dielectrics offered
• C0G (NP0) is an ultra-stable dielectric offering a
very low Temperature Coefficient of Capacitance
(TCC)
• C0G (NP0) offers low dissipation
• Excellent aging characteristics
• Ideal for decoupling and filtering (X7R)
• Ideal for surge suppression and high voltage
applications
• Wide range of case sizes, voltage ratings and capacitance
values
• Wet build process
• Reliable Noble Metal Electrode (NME) system
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Timing and tuning circuits
• Sensor and scanner applications
• Decoupling and filtering
• Surge suppression
ELECTRICAL SPECIFICATIONS
Available
C0G (NP0) DIELECTRIC
GENERAL SPECIFICATION
Note
Electrical characteristics at +25 °C unless otherwise specified
Operating Temperature: -55 °C to +150 °C
(above +125 °C changed characteristics)
Capacitance Range: 1 pF to 56 nF
Voltage Range: 25 V
DC to 1000 VDC
Temperature Coefficient of Capacitance (TCC):
0 ppm/°C ± 30 ppm/°C from -55 °C to +125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 VRMS and
1 MHz for values
≤ 1000 pF
0.1 % maximum at 1.0 VRMS and
1 kHz for values > 1000 pF
Insulating Resistance:
at +25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
at +125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Aging Rate: 0 % maximum per decade
Dielectric Strength Test:
performed per method 103 of EIA 198-2-E.
Applied test voltages
≤ 200 VDC-rated:
250 % of rated voltage
500 VDC-rated:
200 % of rated voltage
630 VDC,1000 VDC-rated:
150 % of rated voltage
X7R DIELECTRIC
GENERAL SPECIFICATION
Note
Electrical characteristics at +25 °C unless otherwise specified
Operating Temperature: -55 °C to +150 °C
(above +125 °C changed characteristics)
Capacitance Range: 120 pF to 6.8 μF
Voltage Range: 16 V
DC to 1000 VDC
Temperature Coefficient of Capacitance (TCC):
± 15 % from -55 °C to +125 °C, with 0 VDC applied
Dissipation Factor (DF):
16 V / 25 V ratings: 3.5 % maximum at 1.0 VRMS and 1 kHz
> 25 V ratings: 2.5 % maximum at 1.0 VRMS and 1 kHz
Insulating Resistance:
at +25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
at +125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Aging Rate: 1 % maximum per decade
Dielectric Strength Test:
performed per method 103 of EIA 198-2-E.
Applied test voltages
≤ 250 VDC-rated:
250 % of rated voltage
500 VDC-rated:
min. 150 % of rated voltage
630 VDC, 1000 VDC-rated: min. 120 % of rated voltage


Số phần tương tự - VJCOMMERCIALSERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
25-Mar-2022
More results

Mô tả tương tự - VJCOMMERCIALSERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
14-Jul-11
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
23-Sep-09
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
06-May-13
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
06-May-13
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
23-Sep-09
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
25-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com