công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VJCOMMERCIALSERIES bảng dữ liệu(PDF) 8 Page - Vishay Siliconix

tên linh kiện VJCOMMERCIALSERIES
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJCOMMERCIALSERIES bảng dữ liệu(HTML) 8 Page - Vishay Siliconix

Back Button VJCOMMERCIALSERIES Datasheet HTML 4Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 5Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 6Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 7Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 8Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 9Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 10Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 11Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 12-Dec-2025
8
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape ••• Variable plastic / paper tape
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ0402
VJ0603
VJ0805
CASE CODE
0402
0603
0805
VOLTAGE (VDC)
16
25
50
100
16
25
50
100
200
16
25
50
100
200
250
VOLTAGE CODE
J
X
A
B
J
X
A
B
C
J
X
A
B
C
P
CAP. CODE
CAP.
121
120 pF
••
••
••
••
151
150 pF
••
••
••
••
181
180 pF
••
••
••
••
221
220 pF
••
••
••
••
271
270 pF
••
••
••
••
331
330 pF
••
••
••
••
••
••
••
••
391
390 pF
••
••
••
••
••
••
••
••
••
••
471
470 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
272
2.7 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
332
3.3 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
392
3.9 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
472
4.7 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
562
5.6 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
682
6.8 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
822
8.2 nF
••
••
••
••
••
••
••
••
••
••
••
••
••
103
10 nF
••
••
••
••
••
••
••
••
••
••
••
••
•
123
12 nF
••
••
••
••
••
••
••
••
••
••
••
•
153
15 nF
••
••
••
••
••
••
••
••
••
••
•
•
183
18 nF
••
••
••
••
••
••
••
••
••
••
•
•
223
22 nF
••
••
••
••
••
••
••
••
••
•
•
273
27 nF
••
••
••
••
••
••
••
••
••
•
333
33 nF
••
••
••
••
••
••
••
••
•
393
39 nF
••
••
••
••
••
••
••
••
•
473
47 nF
••
••
••
••
••
••
••
•
563
56 nF
••
••
••
••
••
••
•
683
68 nF
••
••
••
••
••
•
•
823
82 nF
••
••
••
•
•
•
•
104
100 nF
••
••
••
•
•
•
•
124
120 nF
••
•
•
•
154
150 nF
••
•
•
•
184
180 nF
•
•
224
220 nF
•
•
274
270 nF
•
•
334
330 nF
•
•
394
390 nF
•
474
470 nF
•
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com