công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM643 bảng dữ liệu(PDF) 67 Page - Texas Instruments

tên linh kiện TMS320DM643
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button TMS320DM643_07 Datasheet HTML 63Page - Texas Instruments TMS320DM643_07 Datasheet HTML 64Page - Texas Instruments TMS320DM643_07 Datasheet HTML 65Page - Texas Instruments TMS320DM643_07 Datasheet HTML 66Page - Texas Instruments TMS320DM643_07 Datasheet HTML 67Page - Texas Instruments TMS320DM643_07 Datasheet HTML 68Page - Texas Instruments TMS320DM643_07 Datasheet HTML 69Page - Texas Instruments TMS320DM643_07 Datasheet HTML 70Page - Texas Instruments TMS320DM643_07 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 162 page
background image
www.ti.com
5.3.1
Power-Supply Sequencing
5.3.2
Power-Supply Design Considerations
DVDD
CVDD
VSS
C6000
DSP
Schottky
Diode
I/O Supply
Core Supply
GND
5.3.3
Power-Supply Decoupling
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
TI DSPs do not require specific power sequencing between the core supply and the I/O supply. However,
systems should be designed to ensure that neither supply is powered up for extended periods of time
(>1 second) if the other supply is below the proper operating voltage.
A dual-power supply with simultaneous sequencing can be used to eliminate the delay between core and
I/O power up. A Schottky diode can also be used to tie the core rail to the I/O rail (see Figure 5-7).
Figure 5-7. Schottky Diode Diagram
Core and I/O supply voltage regulators should be located close to the DSP (or DSP array) to minimize
inductance and resistance in the power delivery path. Additionally, when designing for high-performance
applications utilizing the C6000™ platform of DSPs, the PC board should include separate power planes
for core, I/O, and ground, all bypassed with high-quality low-ESL/ESR capacitors.
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. Assuming 0603 caps, the user should be able to fit a total of 60 caps, 30 for
the core supply and 30 for the I/O supply. These caps need to be close to the DSP power pins, no more
than 1.25 cm maximum distance to be effective. Physically smaller caps, such as 0402, are better
because of their lower parasitic inductance. Proper capacitance values are also important. Small bypass
caps (near 560 pF) should be closest to the power pins. Medium bypass caps (220 nF or as large as can
be obtained in a small package) should be next closest. TI recommends no less than 8 small and
8 medium caps per supply (32 total) be placed immediately next to the BGA vias, using the "interior" BGA
space and at least the corners of the "exterior".
Eight larger caps (4 for each supply) can be placed further away for bulk decoupling. Large bulk caps (on
the order of 100 µF) should be furthest away (but still as close as possible). No less than 4 large caps per
supply (8 total) should be placed outside of the BGA.
Any cap selection needs to be evaluated from a yield/manufacturing point-of-view. As with the selection of
any component, verification of capacitor availability over the product’s production lifetime should be
considered.
Submit Documentation Feedback
DM643 Peripheral Information and Electrical Specifications
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com