công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM643 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TMS320DM643
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TMS320DM643_07 Datasheet HTML 1Page - Texas Instruments TMS320DM643_07 Datasheet HTML 2Page - Texas Instruments TMS320DM643_07 Datasheet HTML 3Page - Texas Instruments TMS320DM643_07 Datasheet HTML 4Page - Texas Instruments TMS320DM643_07 Datasheet HTML 5Page - Texas Instruments TMS320DM643_07 Datasheet HTML 6Page - Texas Instruments TMS320DM643_07 Datasheet HTML 7Page - Texas Instruments TMS320DM643_07 Datasheet HTML 8Page - Texas Instruments TMS320DM643_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 162 page
background image
www.ti.com
1.3 Functional Block Diagram
HPI32
OR
HPI16
Test
C64x DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Instruction Dispatch
Advanced Instruction Packet
Instruction Decode
Data Path A
A Register File
A31−A16
A15−A0
Power-Down
Logic
.L1
.S1
.M1 .D1
.D2
.M2
.S2
.L2
64
SDRAM
FIFO
SBSRAM
SRAM
L1P Cache
Direct-Mapped
16K Bytes Total
Control
Registers
Control
Logic
L1D Cache 2-Way Set-Associative
16K Bytes Total
Advanced
In-Circuit
Emulation
Interrupt
Control
TMS320DM643
Enhanced
DMA
Controller
(EDMA)
L2
Cache
Memory
256K
Bytes
PLL
(x1, x6, x12)
Timer 2
EMIF A
ZBT SRAM
Timer 1
Boot Configuration
ROM/FLASH
I/O Devices
Video Port 2
(VP2)
VCXO
Interpolated
Control Port
(VIC)
8/10-bit VP1
Video Port 1
(VP1
)
AND
McASP0
Data
AND/OR
EMAC
MDIO
OR
GP0
I2C0
16
16
See Note (B)
McBSP0(A)
McASP0
Control
Timer 0
A. McBSP: AC97 Devices; SPI Devices; Codecs
B. The Video Port 1 (VP1) peripheral is muxed with the McASP0 data pins. The HPI(32/16) peripheral is muxed with the EMAC and MDIO
peripherals. For more details on the multiplexed pins of these peripherals, see the Device Configurations section of this data sheet.
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Figure 1-1 shows the functional block diagram of the DM643 device.
Figure 1-1. Functional Block Diagram
TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More