công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4961-4M bảng dữ liệu(PDF) 78 Page - Infineon Technologies AG

tên linh kiện TLE4961-4M
Giải thích chi tiết về linh kiện  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-4M bảng dữ liệu(HTML) 78 Page - Infineon Technologies AG

Back Button TLE4961-4M Datasheet HTML 74Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 75Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 76Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 77Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 78Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 79Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 80Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 81Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
78
Environmental sensor
PAS CO2
High performance in a small size – Introducing a disruptive
CO2 sensor based on photoacoustic spectroscopy (PAS)
The PAS (photoacoustic spectroscopy) principle:
The sensor is characterized by a disruptive measurement principle called PAS (photoacoustic spectroscopy). It works as
follows: pulses of infrared light pass through an optical filter tuned to the CO2 absorption wavelength. The CO2 molecules
absorb the filtered light, causing them to shake and generate a pressure wave with each pulse. This is called the photo-
acoustic effect. The sound is then detected by an acoustic detector optimized for low frequency operation and converted
to a CO2 concentration reading by the microcontroller.
Applications
› HVAC (Heating, Ventilation and Air Conditioning) systems
› Smart home appliances such as air purifiers, air conditioners and thermostats
› Consumer devices for air quality monitoring such as
personal assistants and CO2 traffic lights
› Smart indoor lighting
Features and benefits
Features
› Exceptionally small form factor (14 x 13.8 x 7.5 mm3)
› High accuracy (±30 ppm ±3% of reading)
› SMD package delivered in tape and reel
› Advanced compensation and self-calibration algorithms
› Various configuration options (e.g. sampling rate,
baseline calibration) and interfaces (UART, I2C, PWM)
Benefits
› Space savings in customers’ end products
› High-quality data and compliance with smart
building standards
› Cost-effective high-volume assembly and easy
system integration
› Plug & play for fast design-to-market
› Customer flexibility thanks to configuration options
www.infineon.com/CO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com