công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4961-4M bảng dữ liệu(PDF) 65 Page - Infineon Technologies AG

tên linh kiện TLE4961-4M
Giải thích chi tiết về linh kiện  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-4M bảng dữ liệu(HTML) 65 Page - Infineon Technologies AG

Back Button TLE4961-4M Datasheet HTML 61Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 62Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 63Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 64Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 65Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 66Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 67Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 68Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
65
MEMS microphones
www.infineon.com/mems-automotive
In addition, they will enhance autonomous driving features …
and even allow interaction from outside of the vehicle
– Event sound detection / sirens detection / contact detection
– Road condition detection
Contributing to road safety, as they can be employed to pick up
sounds like sirens from emergency vehicles or to detect dangerous
road conditions thanks their large dynamic range and acoustic
overload point
Voice recognition / external interaction
Allowing external interaction e.g. for controlling certain
functions via voice commands due to their good suitability for
voice recognition use cases
Customer benefit
› Automotive qualification according to AEC-Q103, together with long term availability reduces design-in risk and effort
› Increased operating temperature range allows flexible usage in automotive environment up to +105°C
› Best in class audio performance (SNR, AOP, THD) for optimum speech quality and capture of distortion-free audio signals
in loud environments as they can occur inside a car
› Narrow sensitivity matching for enhanced performance of beam-forming (noise suppression) arrays
› Flat frequency and stable phase response for optimal fit in acoustic noise cancellation use cases
Parametrics
IM67D130A
Acoustic overload point
130 dBSPL
Current consumption
980 µA
Interfaces
PDM
Sensitivity
-36 dBFS
Signal to noise
> 67 dB(A)
Supply voltage
1.62–3.6 V
Ordering code
SP005582032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com